Electronic Components Datasheet Search
  English  ▼

X  

AN3009 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 24Page - STMicroelectronics AN3009 Datasheet HTML 25Page - STMicroelectronics AN3009 Datasheet HTML 26Page - STMicroelectronics AN3009 Datasheet HTML 27Page - STMicroelectronics AN3009 Datasheet HTML 28Page - STMicroelectronics AN3009 Datasheet HTML 29Page - STMicroelectronics AN3009 Datasheet HTML 30Page - STMicroelectronics AN3009 Datasheet HTML 31Page - STMicroelectronics AN3009 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Designing a transition mode PFC
AN3009
28/36
Doc ID 16032 Rev 4
VZCDH at 5.7 V and VZCDL at 0 V are the upper and lower ZCD clamp voltages of the L6564.
Considering the highest value of the two calculations, an RZCD equal to 68 k
Ω has been
selected as the limiting resistor.
The actual value can then be tuned by trying to make the activation of the MOSFET occur
right on the valley of the drain voltage (which is resonating because the boost inductor has
run out of energy – as shown in
Figure 13).This minimizes the power dissipation at turn-on.
Figure 13.
Optimum MOSFET activation
Pin 8 (GND): this pin acts as the current return for both the signal’s internal circuitry and for
the gate drive current. When layouting the printed circuit board, these two paths should run
separately.
Pin 9 (GD): this pin is the output of the driver. It can drive an external MOSFET with a
600 mA source and a 800 mA sink capability.
The high-level voltage of this pin is clamped at about 12 V so as to avoid excessive gate
voltages in case the pin is supplied with a high Vcc. To avoid undesired switch-ons of the
external MOSFET because of some leakage current when the supply of the L6564 is below
the UVLO threshold, an internal pull-down circuit holds the pin low. The circuit guarantees
1.1 V maximum on the pin (when Isink = 2 mA), with Vcc > VCC_ON. This allows omitting
the "bleeder" resistor connected between the gate and the source of the external MOSFET
used for this purpose.
Pin 10 (Vcc): this pin is the supply of the device. It is externally connected to the start-up
circuit (normally, one resistor is connected to the rectified mains) and to the self-supply
circuit.
Whatever the configuration of the self-supply system, a capacitor must be connected
between this pin and ground.
To start the L6564, the voltage must exceed the start-up threshold (12 V typ.). Below this
value the device does not work and consumes less than 90 µA (typ.) from Vcc. This allows
the use of high-value start-up resistors (in the hundred k
Ω), which reduces power
consumption and optimizes system efficiency at low loads, especially in wide-range mains
applications.
When operating, the current consumption (of the device only, not of the gate drive) rises to a
value that depends on the operating conditions but never exceeds 6 mA.
The device keeps on working as long as the supply voltage is over the UVLO threshold
(13 V max). If the Vcc voltage exceeds 22.5 V, an internal Zener diode (rated at 20 mA) is
activated in order to clamp the voltage. Remember that during normal operation, the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com