Electronic Components Datasheet Search
  English  ▼

X  

AN3032 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 7Page - STMicroelectronics AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN3032
Ballast design
Doc ID 16165 Rev 2
11/26
●
Pin12 PFCS is the inverting input of the current sense comparator. As the voltage
across the sense resistor (proportional to the instantaneous inductor current) crosses
the threshold set by the multiplier output, the power MOSFET is turned off. Equation 12
determines the PFC sense resistor.
Equation 12
R22 has been set to 100 mΩ with a power rating of 1 W.
●
Pin13 PFG: to drive the external MOSFET correctly, R21 has been set to 130 Ω.
●
Pin 14 HBCS: assuming that during each lamp’s ignition phase there is a maximum
current IIGNmax of 2.5 A and an HBCS threshold during the ignition phase
VHBCS-ign of 1.6 V, we can calculate that RsenseHB = R31.
Equation 13
R31 has been set to 0.33 Ω with a power rating of 1 W.
●
Pin 15 GND: device ground.
●
Pin 16 LSD: to drive the external half-bridge low-side MOSFET correctly, the resistor
R23 has been set to 10 Ω.
●
Pin 17 Vcc: this pin is externally connected to the startup circuit (by means of R34, R36,
R37, R52 and D11) and to the self-supply circuit made of a charge pump composed by
the net C16, C17, C18, D8, D9 and R29.
●
Pin 18 out: floating reference of the high-side driver. This pin is connected close to the
source of the high-side power MOSFET.
●
Pin 19 HSD: to drive the external half-bridge low-side MOSFET correctly, the resistor
R20 has been set to 10 Ω.
●
Pin 20 boot: for the high-side section C13 has been set to 100 nF.
3.2
Design of the PFC power section
3.2.1
Input capacitor
The input high-frequency filter capacitor has to attenuate the switching noise due to the high
frequency inductor current ripple. The worst conditions will occur on the peak of the
minimum rated input voltage (Vin min = 85 V). The following values have been established.
●
The coefficient of the maximum high-frequency voltage ripple r = 0.05.
●
Total system efficiency
η = 0.9.
A
27
.
4
PF
V
P
2
2
I
min
in
outTOT
max
L
=
⋅
η
⋅
⋅
=
R
22
V
CSmin
I
Lmax
-------------------
1
4.27
-----------
0.23
Ω
R
22
100m
Ω
=
⇒
=
=
<
Ω
=
=
−
32
.
0
I
V
R
TOT
max
IGN
ign
HBCS
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com