Electronic Components Datasheet Search
  English  ▼

X  

AN3032 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics AN3032 Datasheet HTML 16Page - STMicroelectronics AN3032 Datasheet HTML 17Page - STMicroelectronics AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Experimental results
AN3032
16/26
Doc ID 16165 Rev 2
Figure 11.
Lamp voltage and current in run mode condition
4.2
Protections
With old lamps, abnormal behavior may occur during run mode as a result of the rectifying
effect.
This effect relates to a differential increase of the ohmic resistance of the two cathodes. The
lamp equivalent resistance is therefore higher when the lamp current flows in one direction
than in the other. The current waveform is distorted and the mean value of the lamp current
is no longer zero. Figure 12 shows the behavior of a dual lamp ballast during a rectifying
effect. In the EOL pin, as soon as the internal window comparator is triggered by a voltage
variation due to the rectifying effect, the Tch cycle starts, and if at its end the comparator is
again triggered, the L6585DE stops.
Figure 12.
Run mode, rectifying effect
When an old lamp is connected to the ballast, the strike voltage is higher than the nominal
voltage and may also be higher than the safety threshold. In this case, the lamp can take
longer than usual to ignite or may not ignite at all. In both cases, because of the frequency
drop, the voltage at the output of the ballast can easily reach dangerous values during this
ignition time.
The same problem occurs if one of the lamp’s tubes is broken: the lamp cannot ignite and
the lamp voltage must be limited. Figure 13 shows how the dual lamp ballast ignites when
one lamp is broken.
AM05141v1
AM05142v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com