Electronic Components Datasheet Search
  English  ▼

X  

AN3108 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 23Page - STMicroelectronics AN3108 Datasheet HTML 24Page - STMicroelectronics AN3108 Datasheet HTML 25Page - STMicroelectronics AN3108 Datasheet HTML 26Page - STMicroelectronics AN3108 Datasheet HTML 27Page - STMicroelectronics AN3108 Datasheet HTML 28Page - STMicroelectronics AN3108 Datasheet HTML 29Page - STMicroelectronics AN3108 Datasheet HTML 30Page - STMicroelectronics AN3108 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
27/44
pStrTemperature = pObjTempSensor->GetTemperature (pObjTempSensor,
TS_TRUE);
TempSensor:: SetTempHysteresis API function
Table 16 describes the SetTempHysteresis function of the TempSensor structure.
Example:
TS_TemperatureType strTestTemperature;
...
/* Write the following value for Hysteresis register: +75.5° C
*/
strTestTemperature.TS_Sign
= TS_PLUS_SIGN;
strTestTemperature.TS_IntegerValue = 75;
strTestTemperature.TS_DecimalValue = 5;
/* 0 or 5 only */
pObjTempSensor->SetTempHysteresis (pObjTempSensor,
&strTestTemperature);
TempSensor:: GetTempHysteresis API function
Table 17 describes the GetTempHysteresis function of the TempSensor structure.
Table 16.
SetTempHysteresis
Name
Description
Function name
SetTempHysteresis
Function prototype
TS_ErrStatus SetTempHysteresis (TempSensorType* pThis,
TS_TemperatureType* pTemperature)
Behavior description
Set the 16-bit Hysteresis temperature register value.
Input parameter {x}
pThis - Object pointer;
pTemperature - Hysteresis temperature structure pointer
Output parameter {x}
None
Return value
TS_OK if successful, TS_ERROR otherwise
Required preconditions
NewTempSensorObj, TempSensor:: Init functions must have been called
before.
Called functions
HAL function:
TS_ErrStatus TS_SetPointerRegister(…);
TS_ErrStatus TS_FillRegisterFromData(…);
Table 17.
GetTempHysteresis
Name
Description
Function name
GetTempHysteresis
Function prototype
TS_TemperatureType* GetTempHysteresis (TempSensorType* pThis,
TS_Boolean bForceRegisterRead)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com