Electronic Components Datasheet Search
  English  ▼

X  

AN3142 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics AN3142 Datasheet HTML 25Page - STMicroelectronics AN3142 Datasheet HTML 26Page - STMicroelectronics AN3142 Datasheet HTML 27Page - STMicroelectronics AN3142 Datasheet HTML 28Page - STMicroelectronics AN3142 Datasheet HTML 29Page - STMicroelectronics AN3142 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
26/44
Doc ID 17005 Rev 3
voltage feedforward with a technique that makes use of just two external parts and that limits
the feedforward time constant trade-off issue to only one direction.
Figure 16.
Mains detector and discharge resistor allow fast response to sudden line
drops not depending on the external RC
A capacitor CFF and a resistor RFF, both connected from the VFF (pin 5) pin to ground,
complete an internal peak-holding circuit that provides a DC voltage equal to the peak of the
rectified sine wave applied on the MULT pin (pin 3). In a case where the VFF pin is
connected directly to the RUN pin as in
Figure 17, the following value can be selected:
RFF provides a means to discharge CFF when the line voltage decreases (see Figure 16). In
this way, in the case of a sudden line voltage rise, CFF is rapidly charged through the low
impedance of the internal diode and no appreciable overshoot is visible at the preregulator's
output; in the case of line voltage drop, CFF is discharged with the time constant RFF·CFF,
which can be in the hundred ms to achieve an acceptably low steady-state ripple and have
low current distortion; consequently the output voltage can experience a considerable
undershoot, like in systems with no feedforward compensation.
Pin 10 (RUN): Remote ON/OFF control. A voltage below 0.8 V shuts down (not latched) the
IC and brings its consumption to a considerably lower level. PWM_STOP is asserted low.
The IC restarts as the voltage at the pin goes above 0.88 V.
The Brownout function can be easily implemented by connecting to the RUN pin through a
divider to the VFF pin as shown in Figure 17.
(16)
VFF
L6563S
MULT
MU LTIPL IER
1/V
2
AC rectified
DETECTOR
MAINS DROP
C
FF
R
FF
F
1
CFF
µ
=
Ω
= M
1
RFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com