Electronic Components Datasheet Search
  English  ▼

X  

AN3233 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
AN3233
Functional check
Doc ID 17595 Rev 1
15/35
Zero voltage switching
Figure 9
and 10 show details of ZVS operation. Both MOSFETs turn on when current is
flowing through their body diodes and drain-source voltage is zero.
Startup and shutdown
Figure 11
and 12 show the start-up and shut-down sequence of the two converter stages:
The PFC starts first and the LLC only starts after the PFC achieves regulation. In the same
way the PFC stops first and the LLC shuts down as its input voltage falls below the allowed
voltage.
Figure 13
and 14 again show startup and shutdown but highlighting the current flowing
through the resonant tank.
Figure 9.
High-side MOSFET ZV turn-on
at 115 V – 60 Hz – full load
Figure 10.
Low-side MOSFET ZV turn-on
at 115 V – 60 Hz – full load
CH1: HB voltage
CH2: HVG pin voltage
CH1: HB voltage
CH2: HVG pin voltage
CH3: LVG pin voltage
CH3: LVG pin voltage
Figure 11.
Converter startup
at 115 Vac full load
Figure 12.
Converter shutdown
at 115 Vac full load
CH1: Half-bridge node
CH2: PFC drain
CH1: Half-bridge node
CH2: PFC drain
CH3: Output voltage
CH4: LINE pin
CH3: Output voltage
CH4: LINE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com