Electronic Components Datasheet Search
  English  ▼

X  

AN3233 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 22Page - STMicroelectronics AN3233 Datasheet HTML 23Page - STMicroelectronics AN3233 Datasheet HTML 24Page - STMicroelectronics AN3233 Datasheet HTML 25Page - STMicroelectronics AN3233 Datasheet HTML 26Page - STMicroelectronics AN3233 Datasheet HTML 27Page - STMicroelectronics AN3233 Datasheet HTML 28Page - STMicroelectronics AN3233 Datasheet HTML 29Page - STMicroelectronics AN3233 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
R15
56K
SMD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
1206
R16
4K7
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R17
2M2
SMD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
1206
R18
82K
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R19
56K
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R20
33R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R21
22R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R22
0R27
SFR25 axial stand. film res - 0.4 W - 5 % - 250 ppm/°C
VISHAY
PTH
R23
0R47
SFR25 axial stand. film res - 0.4 W - 5 % - 250 ppm/°C
VISHAY
PTH
R24
1M0
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R25
56R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R26
1M0
SMD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R27
470R
SMD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
1206
R28
33K
SMD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R29
1K0
SMD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
1206
R30
10R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R31
12K
SMD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R32
47R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R34
27K
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R35
180K
SMD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R36
1M8
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R37
220K
SMD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
1206
R38
56R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R39
160R
SMD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
Table 5.
EVL150W-ADP-SR demonstration board: motherboard bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com