Electronic Components Datasheet Search
  English  ▼

X  

AN3256 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3256
Description  Low-cost LED driver for an A19 lamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3256 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3256 Datasheet HTML 10Page - STMicroelectronics AN3256 Datasheet HTML 11Page - STMicroelectronics AN3256 Datasheet HTML 12Page - STMicroelectronics AN3256 Datasheet HTML 13Page - STMicroelectronics AN3256 Datasheet HTML 14Page - STMicroelectronics AN3256 Datasheet HTML 15Page - STMicroelectronics AN3256 Datasheet HTML 16Page - STMicroelectronics AN3256 Datasheet HTML 17Page - STMicroelectronics AN3256 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
FET voltage and current stress
AN3256
14/23
Doc ID 17790 Rev 1
5
FET voltage and current stress
The images below were taken at the peak of the line voltage waveform, where stress on the
parts is greatest.
●
Yellow = FET voltage, 100 V/div
●
Blue = FET current, appx. 0.24 A/div
The FET sees only the peak line voltage. The diode (D8) has turned off well before the FET
turns on - there is no reverse recovery problem. The leading edge spike is small, and is due
only to the FET discharging D8's and L2's capacitance, and includes the gate drive leading
edge current.
Figure 18.
132 V input, 4 LED load
Figure 19.
132 V input, 4 LED load, single
pulse
Figure 20.
132 V input, 12 LEDs
Figure 21.
132 V input, 12 LEDs, single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com