Electronic Components Datasheet Search
  English  ▼

X  

AN3256 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3256
Description  Low-cost LED driver for an A19 lamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3256 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3256 Datasheet HTML 15Page - STMicroelectronics AN3256 Datasheet HTML 16Page - STMicroelectronics AN3256 Datasheet HTML 17Page - STMicroelectronics AN3256 Datasheet HTML 18Page - STMicroelectronics AN3256 Datasheet HTML 19Page - STMicroelectronics AN3256 Datasheet HTML 20Page - STMicroelectronics AN3256 Datasheet HTML 21Page - STMicroelectronics AN3256 Datasheet HTML 22Page - STMicroelectronics AN3256 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Bill of material
AN3256
20/23
Doc ID 17790 Rev 1
10
Bill of material
Table 7.
BOM
Designator
Comment
Manufacturer
Comment
BR1
BRIDGE DIP 1 A
Diodes Inc HD06
C1, C2
0.15 µF 250 V
Panasonic ECQ-E2154KF
C3
10 µF 50 V
Panasonic EEU-FC1H100L
C4
1 nF
X7R 0805
Generic
C5
220 nF
X7R 0805
Generic
C6
0.33 µF 250 V
Panasonic ECQ-E2334KF
C7
1200 µF 35 V
Panasonic EEU-FM1V122S
D1, D7
MMSD4148
Signal diode
D2
MMSZ5248B
18 V ½ Watt Zener
D8
STTH1R04A
ST STTH1R04A
STMicroelectronics
F1
FUSE 0.5 A
Littelfuse 0251.500MXL
L1
1000 µH
Coilcraft DR0608-105L
L2
220 µH
Wurth S09100111
5:1 stepdown
Q1
STD5NM50
ST STD5NM50
STMicroelectronics
R1
200 k
Ω
5 % 1206
Generic
R2
510 k
Ω
5 % 1206
Generic
R3
5.1 k
Ω
5 % 0805
Generic
R4, R6
200 k
Ω
5 % 0805
Generic
R5
20 k
Ω
5 % 0805
Generic
R7
47 k
Ω
5 % 1206
Generic
R8
10
Ω
5 % 0805
Generic
R9
390 k
Ω
5 % 1206
Generic
R10
1.58 1 %
1 % 0805
Generic
R11
1.62 1 %
1 % 0805
Generic
R12
100
Ω
5 % 0805
Generic
R13
1.6 k
Ω
5 % 0805
Generic
R14
130 k
Ω
5 % 0805
Generic
U1
L6562AD
ST L6562AD
STMicroelectronics
VR1
MOV
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com