Electronic Components Datasheet Search
  English  ▼

X  

AN3290 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 8Page - STMicroelectronics AN3290 Datasheet HTML 9Page - STMicroelectronics AN3290 Datasheet HTML 10Page - STMicroelectronics AN3290 Datasheet HTML 11Page - STMicroelectronics AN3290 Datasheet HTML 12Page - STMicroelectronics AN3290 Datasheet HTML 13Page - STMicroelectronics AN3290 Datasheet HTML 14Page - STMicroelectronics AN3290 Datasheet HTML 15Page - STMicroelectronics AN3290 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Efficiency and no load measurements
AN3290
12/34
Doc ID 18038 Rev 1
3
Efficiency and no load measurements
In this section the converter efficiency has been measured at different output current levels
on VOUT1 and VOUT2 fixed at 40 mA and 80 mA.
The figures below show the results.
Figure 8.
Efficiency vs. output power with 3V3 @ 40 mA
Figure 9.
Efficiency vs. output power with 3V3 @ 80 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com