Electronic Components Datasheet Search
  English  ▼

X  

AN3290 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 16Page - STMicroelectronics AN3290 Datasheet HTML 17Page - STMicroelectronics AN3290 Datasheet HTML 18Page - STMicroelectronics AN3290 Datasheet HTML 19Page - STMicroelectronics AN3290 Datasheet HTML 20Page - STMicroelectronics AN3290 Datasheet HTML 21Page - STMicroelectronics AN3290 Datasheet HTML 22Page - STMicroelectronics AN3290 Datasheet HTML 23Page - STMicroelectronics AN3290 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Protection features
AN3290
20/34
Doc ID 18038 Rev 1
5
Protection features
The ALTAIR04-900 has several protection features that considerably increase end-product
safety and reliability: auxiliary winding disconnection (or brownout) detection, shorted
secondary rectifier detection, and transformer saturation protection.
Moreover, using the primary CC loop it is possible to set the maximum deliverable output
current without any secondary extra component, therefore providing a best-in-class
protection against overload and short-circuit.
In the following paragraphs all protections are tested and the results are presented.
5.1
Overload and short-circuit protection
The CC mode circuitry is able to regulate the maximum deliverable output current also when
the output is shorted with good precision.
This means that during short-circuit protection, the output voltage is close to zero, while the
output current is fixed to a constant value close to the maximum operative output current,
resulting in an extremely safe mode of operation, with no overcurrent stress on the
secondary components.
At the same time, the overload also coincides with the maximum operative output current.
Figures 22 and 23 show the drain voltage and the output current waveforms at different input
voltage values and output 1 shorted.
Figure 22.
Short-circuit mode: 13 V shorted at 115 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com