Electronic Components Datasheet Search
  English  ▼

X  

MSK161 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK161
Description  Electrically Isolated Case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK161 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK161_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Bias Current
Input Offset Current
Input Impedance
Common Mode Range
Common Mode Rejection Ratio
OUTPUT
Output Voltage Swing
Output Current, Peak
Settling Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Gain Bandwidth Product
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK161B)
-55°C to+125°C
(MSK161)
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
(10 Seconds)
300°C
Junction Temperature
175°C
Group A
Subgroup
-
1
2,3
-
1
2,3
1
2,3
1
2,3
-
-
-
4
4
-
4
4
-
V
mA
mA
°C/W
mV
mV
nA
nA
nA
nA
MΩ
V
dB
V
A
μS
V/μS
dB
MHz
VIN=0V
AV=-10V/V
F<60Hz Junction to Case @ Tc=25°C
VIN=0V AV=10V/V
Bal.Pins=NC
VCM=0V
Either Input
VCM=0V
F=DC
F=1KHz VCM=±10V
RL=1KΩ AV=-10V/V
RCL=0Ω AV=-10V/V TJ<175°C
0.1% 2V step
VOUT=±25V RL=1KΩ AV=-10V/V
VO=±25V RL=1KΩ F=10Hz
RL=1KΩ F=1MHz
±45V
±10A
±VCC -3V
±VCC
IOUT
VIN
TC
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2,5
Subgroup 3,6
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK161B
Min.
±10.0
-
-
-
-
-
-
-
-
-
-
-
74
±28
±9.0
-
1.0
96
-
Typ.
-
±3.0
-
1.2
±2.0
±10.0
±12.0
-
±12.0
-
200
100
-
±10.0
2.0
2.5
100
1
Max.
±45.0
±10.0
±15.0
1.8
±6.0
±15.0
±30.0
±500
±30.0
±250
-
-
-
-
-
-
-
-
-
Typ.
-
±3.0
-
1.2
±2.0
-
±12.0
-
±12.0
-
200
100
-
10.0
2.0
2.5
100
1
MSK161
Min.
±10.0
-
-
-
-
-
-
-
-
-
-
-
74
±28
±9.0
-
1.0
96
-
Max.
±45.0
±10.0
-
1.8
±10
-
±50
-
±50
-
-
-
-
-
-
-
-
-
-
Units
2
±Vcc=32VDC Unless Otherwise Specified
1
5
6
3
4
2
2
2
±VS-3
±VS-3
2
2
1
2
2
2
2
2
7
Intern reflow temperature is 180°C, do not exceed.
8548-92 Rev. D 11/14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com