Electronic Components Datasheet Search
  English  ▼

X  

MSK161 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK161
Description  Electrically Isolated Case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK161 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK161_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK161_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M.S.KENNEDY CORP.
FEATURES:
161
HIGH POWER
High Output Current
Wide Supply Range
Low Cost Class "C" Output Stage
Wide Common Mode Range
Low Quiescent Current
Electrically Isolated Case
Replaces PA61
Contact MSK for MIL-PRF-38534 Qualification Status.
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
DESCRIPTION:
The MSK161 is a high output current operational amplifier designed to drive resistive or reactive loads. The Class "C"
output stage is protected by a user programmable current limit scheme. The MSK161 is designed to be a low cost solution
for low frequency applications where crossover distortion is not critical. The MSK161 can supply ±10 amps of output
current within its safe operating range and boasts a 16 KHz power bandwidth. A low junction to case thermal resistance of
only 1.2°C/W for the output devices keeps junction temperatures low when driving large load currents.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Programmable Power Supply
Valve and Actuator Control
Motor/Syncro Driver
AC or DC Power Regulator
Output
Positive Current Limit
Positive Power Supply
Non-Inverting Input
1
2
3
4
Negative Current Limit
NC
Negative Power Supply
Inverting Input
8
7
6
5
1
EQUIVALENT SCHEMATIC
CLASS C AMPLIFIER
CASE=ISOLATED
8548-92 Rev. D 11/14


Similar Part No. - MSK161_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK161B MSK-MSK161B Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161E MSK-MSK161E Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
More results

Similar Description - MSK161_15

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
Electrically-isolated package
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
Electrically-isolated packages
logo
Teccor Electronics
L6008D8TP TECCOR-L6008D8TP Datasheet
178Kb / 8P
Electrically-isolated packages
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
Electrically Isolated Base Plate
logo
IXYS Corporation
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com