Electronic Components Datasheet Search
  English  ▼

X  

LT1009 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1009
Description  2.5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1009 Datasheet(HTML) 1 Page - Linear Technology

  LT1009 Datasheet HTML 1Page - Linear Technology LT1009 Datasheet HTML 2Page - Linear Technology LT1009 Datasheet HTML 3Page - Linear Technology LT1009 Datasheet HTML 4Page - Linear Technology LT1009 Datasheet HTML 5Page - Linear Technology LT1009 Datasheet HTML 6Page - Linear Technology LT1009 Datasheet HTML 7Page - Linear Technology LT1009 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1009 Series
1
1009ff
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.5V Reference
The LT®1009 is a precision trimmed 2.5V shunt regula-
tor diode featuring a maximum initial tolerance of only
±5mV. The low dynamic impedance and wide operating
current range enhances its versatility. The 0.2% reference
tolerance is achieved by on-chip trimming which not only
minimizes the initial voltage tolerance but also minimizes
the temperature drift.
Even though no adjustments are needed with the LT1009,
a third terminal allows the reference voltage to be adjusted
±5% to calibrate out system errors. In many applications,
the LT1009 can be used as a pin-to-pin replacement of the
LM136 and the external trim network eliminated.
For a lower drift 2.5V reference, see the LT1019 data
sheet.
2.5V Reference
n Reference for 5V Systems
n 8-Bit A/D and D/A Reference
n Digital Voltmeters
n Current Loop Measurement and Control Systems
n Power Supply Monitor
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
n Maximum Initial Tolerance: 0.2%
n Guaranteed Temperature Stability
n Maximum 0.6Ω Dynamic Impedance
n Wide Operating Current Range
n Directly Interchangeable with LM136 for Improved
Performance
n No Adjustments Needed for Minimum Temperature
Coefficient
n Available in 8-Lead SO and MSOP Packages and
3-Lead TO-92 Package
LT1009
OUTPUT
3.6k
5V TO 35V
10k*
TRIM
1009 TA01
*DOES NOT AFFECT
TEMPERATURE COEFFICIENT.
±5% TRIM RANGE
Output Voltage
TEMPERATURE (°C)
–50
2.53
2.52
2.51
2.50
2.49
2.48
2.47
25
75
1009 TA02
–25
0
50
100
125
TYPICAL
GUARANTEED
MAXIMUM
GUARANTEED
MINIMUM


Similar Part No. - LT1009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
logo
Texas Instruments
LT1009 TI-LT1009 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
119Kb / 8P
2.5V Reference
logo
Linear Integrated Syste...
LT1009 LINEAR-LT1009 Datasheet
105Kb / 8P
2.5V Reference
logo
Texas Instruments
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
2.5V Reference
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
2.5V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com