Electronic Components Datasheet Search
  English  ▼

X  

LT1009 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1009
Description  2.5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1009 Datasheet(HTML) 5 Page - Linear Technology

  LT1009 Datasheet HTML 1Page - Linear Technology LT1009 Datasheet HTML 2Page - Linear Technology LT1009 Datasheet HTML 3Page - Linear Technology LT1009 Datasheet HTML 4Page - Linear Technology LT1009 Datasheet HTML 5Page - Linear Technology LT1009 Datasheet HTML 6Page - Linear Technology LT1009 Datasheet HTML 7Page - Linear Technology LT1009 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1009 Series
5
1009ff
SCHEMATIC DIAGRAM
30pF
10k
20pF
Q11
24k
24k
720Ω
6.6k
6.6k
500Ω
ADJ
30k
+
–
1009 SD
Q8
Q2
Q1
Q6
Q10
Q7
Q3
Q12
Q13
Q9
Q7
Q4
Q5
TYPICAL APPLICATIONS
Wide Supply Range, Adjustable Reference
Low Temperature Coefficient Power Regulator
LT1009
62Ω
V+
V–
R
3.6V TO 40V
10k
1009 TA03
LM334
LT1009
375Ω
1.2k
VIN
VOUT
2k
1009 TA04
LT317A
ADJ
IN
OUT
Switchable ±1.25V Bipolar Reference
LT1009
OUT
5k
5V
5k
5V
–5V
–5V
10k
1%
9.76k
1%
500Ω
1009 TA05
5k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com