Electronic Components Datasheet Search
  English  ▼

X  

LT1015 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1015
Description  High Speed Dual Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1015 Datasheet(HTML) 1 Page - Linear Technology

  LT1015 Datasheet HTML 1Page - Linear Technology LT1015 Datasheet HTML 2Page - Linear Technology LT1015 Datasheet HTML 3Page - Linear Technology LT1015 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1015
I
Response Time: 10ns
I
Setup Time for Latch: 2ns
I
Operates on Single 5V Supply
I
Dual Function in 8-Pin Package
I
No Input Slew Rate Requirement
I
Latch Function Included on Chip
I
True Differential Inputs
TheLT ®1015isadualhighspeedcomparatorintendedfor
line receiver and other general purpose fast comparator
functions. It has 10ns response time, true differential
inputs, TTL outputs and operates from a single 5V supply.
A unique output stage design virtually eliminates power
supply glitching during transitions. This greatly reduces
instability and crosstalk problems in multiple line applica-
tions. No minimum input slew rate is required as in
previous TTL output comparators.
The LT1015 has a true Latch pin for retaining output data.
Setup time is 2ns, allowing the comparators to capture
data much faster than the actual flowthrough response
time. 8-pin miniDIP and ceramic packages allow high
packing density.
High Speed
Dual Line Receiver
FEATURES
DESCRIPTION
I
High Speed Differential Line Receiver
I
Pulse Height/Width Discriminator
I
Timing and Delay Generators
I
Analog to Digital Interface
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
–
+
–
+
1/2
LT1015
1/2
LT1015
INPUT A
INPUT B
5V
CHANNEL A
CHANNEL B
DATA LATCHED
ON POSITIVE EDGE
CLOCK
1015 • TA01
–
+
1/2
LT1015
1/2
LT1015
INPUT A
REFERENCE
INPUT
INPUT B
V+
OUTPUT A
LATCH (BOTH SIDES)
DEVICE ACTIVE WITH
LATCH LOW. “OPEN”
GOES TO HIGH STATE
OUTPUT B
1015 • BD
BLOCK DIAGRAM
2-Channel 20MHz Clocked Line Receiver
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1015

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
High Speed Dual Line Receiver
LT1015CJ8 LINER-LT1015CJ8 Datasheet
164Kb / 4P
High Speed Dual Line Receiver
LT1015CN8 LINER-LT1015CN8 Datasheet
164Kb / 4P
High Speed Dual Line Receiver
LT1015MJ8 LINER-LT1015MJ8 Datasheet
164Kb / 4P
High Speed Dual Line Receiver
More results

Similar Description - LT1015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10216 ONSEMI-MC10216 Datasheet
104Kb / 5P
High Speed Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
High Speed Dual Line Receiver
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
High speed differential line receiver
Rev. 01-07 January 2004
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
High speed differential line receiver
Rev. 01-05 January 2004
logo
ON Semiconductor
MC10216 ONSEMI-MC10216_02 Datasheet
109Kb / 8P
High Speed Triple Line Receiver
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
High Speed Line Receiver
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com