Electronic Components Datasheet Search
  English  ▼

X  

LT1015 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1015
Description  High Speed Dual Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1015 Datasheet(HTML) 3 Page - Linear Technology

  LT1015 Datasheet HTML 1Page - Linear Technology LT1015 Datasheet HTML 2Page - Linear Technology LT1015 Datasheet HTML 3Page - Linear Technology LT1015 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LT1015
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL PERFORMANCE CHARACTERISTICS
Latch Set-Up Time
OVERDIRVE (mV)
0
25
20
15
10
5
0
40
LT1015 • TPC01
10
20
30
50
STEP SIZE = 100mV
TJ = 25°C
Propagation Delay vs Overdrive
JUNCTION TEMPERATURE (
°C)
–50
6
4
2
0
–2
–4
–6
25
75
LT1015 • TPC03
–25
0
50
100
125
JUNCTION TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
25
75
LT1015 • TPC02
–25
0
50
100
125
FALLING OUTPUT tPDHL
RISING OUTPUT tPDHL
STEP SIZE = 100mV
OVERDRIVE = 5mV
OUTPUT LOAD CAPACITANCE = 10pF
VS = 5V
Propagation Delay vs Temperature
Common Mode Limits
Output Low Voltage (VOL)
Output High Voltage (VOH)
OUTPUT SINK CURRENT (mA)
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
16
LT1015 • TPC04
4
8
12 14
2
6
10
18 20
TJ = –55°C
TJ = 25°C
TJ = 125°C
VS = 5V, VIN = 30mV
OUTPUT SINK CURRENT (mA)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
16
LT1015 • TPC05
4
8
12 14
2
6
10
18 20
TJ = 125°C
TJ = 25°C
TJ = –55°C
VS = 5V
JUNCTION TEMPERATURE (
°C)
–50
6
5
4
3
2
1
0
25
75
LT1015 • TPC06
–25
0
50
100
125
VS = 5V
VS = SINGLE 5V SUPPLY
LOWER LIMIT
UPPER LIMIT*
* UPPER LIMIT TRACKS 5V SUPPLY. 4.1V LIMIT
AT 25
°C WILL DROP TO 3.8V WHEN VS = 4.7V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com