Electronic Components Datasheet Search
  English  ▼

X  

LT1030 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1030
Description  Quad Low Power Line Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1030 Datasheet(HTML) 2 Page - Linear Technology

  LT1030 Datasheet HTML 1Page - Linear Technology LT1030 Datasheet HTML 2Page - Linear Technology LT1030 Datasheet HTML 3Page - Linear Technology LT1030 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LT1030
ORDER PART
NUMBER
Supply Voltage ......................................................
±15V
Logic Input Pins ............................................. V – to 25V
On/Off Pin .................................................... GND to 12V
Output (Forced) .............................. V – + 30V, V + – 30V
Short-Circuit Duration (to
±30V) ..................... Indefinite
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Guaranteed Functional by Design ....... – 25
°C to 85°C
Storage Temperature ............................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult factory for Industrial and Military grade parts.
(Supply Voltage =
±5 to ±15V)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
VON/OFF ≥ 2.4V, IOUT = 0, All Outputs Low
●
500
1000
µA
Power Supply Leakage Current
VON/OFF ≤ 0.4V
1
10
µA
VON/OFF ≤ 0.1V
●
10
150
µA
Output Voltage Swing
Load = 2mA
Positive
V + – 0.3V
V + – 0.1V
V
Negative
V – + 0.9V
V – + 1.4V
V
Output Current
VSUPPLY ± 5V to ±15V
5
12
mA
Output Overload Voltage (Forced)
Operating or Shutdown
●
V + – 30V
V – + 30V
V
Output Current
Shutdown
VS = 0V, VOUT = ±30V
2
100
µA
VS = ±15V, VOUT = ±20V
2
100
µA
Input Overload Voltage (Forced)
Operating or Shutdown
●
V –
15
V
Logic Input Levels
Low Input (VOUT = High)
●
1.4
0.8
V
High Input (VOUT = Low)
●
2
1.4
V
Logic Input Current
VIN > 2.0V
2
20
µA
VIN < 0.8V
10
20
µA
On/Off Pin Current
0
≤ VIN ≤ 5V
●
–10
30
65
µA
Slew Rate
415
30
V/
µS
The
● denotes specifications which apply over the full operating
temperature range.
Note 1: 3V applied to the Strobe pin will force all outputs low. Strobe pin
input impedance is about 2k to ground. Leave open when not used.
V –(Pin 1): Operates – 15V to – 2V.
LOGIC INPUT (Pins 2, 5, 9, 12): Operate properly on TTL
or CMOS levels. Output valid from (V – + 2V)
≤ VIN ≤ 15V.
Connect to 5V when not used.
OUTPUT (Pins 3, 6, 8, 11): Line drive outputs.
ON/OFF (Pin 4): Shuts down entire circuit. Cannot be left
open. For “normally on” operation, connect between 5V to
10V.
GND (Pin 7): Ground must be more positive than V –.
PIN FUNCTIONS
STROBE (Pin 13): Forces all outputs low. Drive with 3V.
V + (Pin 14): Positive supply 5V to 15V.
Note: As with other bipolar ICs, forward biasing the substrate diode can cause
problems. The LT1030 will draw high current from V + to ground if the V – pin is open
circuited or pulled above ground. If this is possible, connecting a diode from V – to
ground will prevent the high current state. Any low cost diode can be used.
14
8
17
LT1030
1N4001
LT1030 • PF01
LT1030CN
LT1030CS
LT1030CJ
CONSULT
FACTORY
TJMAX = 125°C, θJA = 90°C/ W (N)
TJMAX = 125°C, θJA = 95°C/ W (S)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
V–
(–15V TO –5V)
ON/OFF
(0V TO 5V)
V+
(5V TO 15V)
STROBE
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com