Electronic Components Datasheet Search
  English  ▼

X  

LT1030 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1030
Description  Quad Low Power Line Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1030 Datasheet(HTML) 3 Page - Linear Technology

  LT1030 Datasheet HTML 1Page - Linear Technology LT1030 Datasheet HTML 2Page - Linear Technology LT1030 Datasheet HTML 3Page - Linear Technology LT1030 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LT1030
TYPICAL PERFORMANCE CHARACTERISTICS
On Supply Current vs
Temperature
On Supply Current vs Supply
Voltage
Off Supply Current vs
Temperature
TEMPERATURE (
°C)
–75
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–25
25
50
LT1030 • TPC01
–50
0
75
100
125
VSUPPLY = ±12V
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
TOTAL SUPPLY VOLTAGE (V)
10
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
15
20
LT1030 • TPC02
25
30
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
Shutdown Voltage vs
Temperature
Off Output Leakage vs
Temperature
TEMPERATURE (
°C)
0.1
0
100
25
75
100
125
LT1030 • TPC03
0.01
50
10
VSUPPLY = ±12V
On/Off Pin Current vs Voltage
TEMPERATURE (
°C)
0.1
0
100
25
75
100
125
LT1030 • TPC04
0.01
50
10
VSUPPLY = ±12V
OUTPUT FORCED
TO –25V
OUTPUT FORCED
TO 25V
ON/OFF PIN VOLTAGE (V)
GND
LT1030 • TPC05
510
140
120
100
80
60
40
20
0
–20
15
TEMPERATURE (
°C)
–75
125
LT1030 • TPC06
–25
25
75
100
–50
0
50
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
GND
MAX OFF VOLTAGE
(IOUT < 200µA)
MAX OFF VOLTAGE
(IOUT < 20µA)
MIN ON VOLTAGE
RL = 3k
Slew Rate vs Temperature
Current Limit vs Temperature
Output Swing vs Temperature
TEMPERATURE (
°C)
–75
5
10
15
20
25
–25
25
75
125
LT1332 • TPC06
30
35
–50
0
50
100
SINKING
SOURCING
TEMPERATURE (
°C)
–75
V+
–0.2
–0.4
1.4
1.2
1.0
0.8
0.6
0.4
0.2
V–
–25
25
50
LT1030 • TPC08
–50
0
75
100
125
IOUT = 5mA
IOUT = –5mA
IOUT = –1mA
IOUT = 1mA
TEMPERATURE (
°C)
–75
25
23
21
19
17
15
13
11
9
7
5
–25
25
50
LT1030 • TPC09
–50
0
75
100
125
VS = ±12V
RL = 3K
CL = 51pF
VSLEW = ±8V
FALLING
RISING
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com