Electronic Components Datasheet Search
  English  ▼

X  

LT1031 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1031
Description  Precision 10V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031 Datasheet(HTML) 1 Page - Linear Technology

  LT1031 Datasheet HTML 1Page - Linear Technology LT1031 Datasheet HTML 2Page - Linear Technology LT1031 Datasheet HTML 3Page - Linear Technology LT1031 Datasheet HTML 4Page - Linear Technology LT1031 Datasheet HTML 5Page - Linear Technology LT1031 Datasheet HTML 6Page - Linear Technology LT1031 Datasheet HTML 7Page - Linear Technology LT1031 Datasheet HTML 8Page - Linear Technology LT1031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1031/LH0070
1031fb
■
Pin Compatible with LH0070 and AD581*
■ Ultralow Drift—5ppm/
°C Max Slope
■ Trimmed Output Voltage
■
Operates in Series or Shunt Mode
■ Output Sinks and Sources in Series Mode
■ Very Low Noise < 1ppmP-P 0.1Hz to 10Hz
■
> 100dB Ripple Rejection
■ Minimum Input Voltage of 11V
The LT
®1031 is a precision 10V reference with ultralow
drift and noise, extremely good long term stability, and
almost total immunity to input voltage variations. The
reference output will both source and sink up to 10mA and
can be used as a shunt regulator (two terminal Zener) with
the same precision characteristics as the three terminal
connection. Special care has been taken to minimize
thermal regulation effects and temperature induced
hysteresis.
The LT1031 reference is based on a buried Zener diode
structure which eliminates noise and stability problems
associated with surface breakdown devices. Further, a
subsurface Zener exhibits better temperature drift and
time stability than even the best band-gap references.
Unique circuit design makes the LT1031 the first three
terminal IC reference to offer ultralow drift without the
use of high power on-chip heaters. Output voltage is
pretrimmed to 0.05% accuracy.
The LT1031 can be used as a plug-in replacement for
the AD581 and LH0070,* with improved electrical and
thermal performance.
■ A-to-D and D-to-A Converters
■
Precision Regulators
■ Digital Voltmeters
■ lnertial Navigation Systems
■
Precision Scales
■ Portable Reference Standard
Basic Positive and
Negative Connections
Precision 10V Reference
Distribution of Output Accuracy
FEATURES
APPLICATIO S
DESCRIPTIO
VOUT
ILOAD + 1.5mA
–VOUT
–VIN
VIN –VOUT
VIN
LT1031
LT1031
IN
OUT
R1 =
R1
OUT
GND
GND
LT1031 • TA01
OUTPUT ACCURACY (%)
–0.10
15
20
25
0
0.06
LT1031 TA02
10
5
0
–0.06
–0.02
0.02
30
35
40
0.10
TA = 25°C
DISTRIBUTION
FROM 5 RUNS
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*See LH0070 Electrical Characteristics table and AD581 cross reference guide.


Similar Part No. - LT1031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1031 LINER-LT1031 Datasheet
631Kb / 12P
Precision 10 Volt Reference
LT1031 LINER-LT1031 Datasheet
156Kb / 12P
Precision 10V Reference
LT1031B LINER-LT1031B Datasheet
631Kb / 12P
Precision 10 Volt Reference
LT1031B LINER-LT1031B Datasheet
156Kb / 12P
Precision 10V Reference
LT1031BCH LINER-LT1031BCH Datasheet
631Kb / 12P
Precision 10 Volt Reference
More results

Similar Description - LT1031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
10V Precision Viltage Reference
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Linear Technology
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
10V Precision Voltage Reference
Rev 2; 7/04
logo
Linear Technology
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
Precision 10V Reference
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
10V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com