Electronic Components Datasheet Search
  English  ▼

X  

LT1031 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1031
Description  Precision 10V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031 Datasheet(HTML) 4 Page - Linear Technology

  LT1031 Datasheet HTML 1Page - Linear Technology LT1031 Datasheet HTML 2Page - Linear Technology LT1031 Datasheet HTML 3Page - Linear Technology LT1031 Datasheet HTML 4Page - Linear Technology LT1031 Datasheet HTML 5Page - Linear Technology LT1031 Datasheet HTML 6Page - Linear Technology LT1031 Datasheet HTML 7Page - Linear Technology LT1031 Datasheet HTML 8Page - Linear Technology LT1031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1031/LH0070
1031fb
TYPICAL PERFOR A CE CHARACTERISTICS
The following cross reference guide may be used to select
LT1031 grades which meet or exceed output voltage,
temperature drift, load and line regulation, and output
current specifications of the AD581 reference. Parameters
such as noise, hysteresis, and long term stability will be
significantly better for all LT1031 grades compared to the
AD581.
Ripple Rejection
Minimum Input Voltage
Ripple Rejection
INPUT VOLTAGE (V)
0
85
90
95
100
105
10
20
30
40
LT1031 • TPC01
110
115
515
25
35
f = 150Hz
OUTPUT CURRENT (mA)
0
11.6
11.4
11.2
11.0
10.8
10.6
10.4
10.2
10.0
16
LT1031 • TPC03
4
8
12
20
14
2
6
10
18
GUARANTEED
CURVE-ALL
TEMPS
TJ = 25°C
TJ = 125°C
TJ = –55°C
LT1031 • TPC02
FREQUENCY (Hz)
10
90
110
130
100
1k
10k
70
80
100
120
60
50
VIN = 15V
COUT = 0
Start-Up (Series Mode)
Start-Up (Shunt Mode)
Output Voltage Noise Spectrum
TIME (
µs)
3
4
6
7
8
13
10
2
6
8
LT1031 • TPC04
5
11
12
9
04
10
12
14
VIN = 0 TO 12V
LT1031 • TPC06
FREQUENCY (Hz)
10
200
300
400
100
1k
10k
100
150
250
350
50
0
CROSS REFERENCE
TIME (
µs)
9
10
11
48
8
7
02
610
12
6
5
LT1031 • TPC05
NC
0V
–12V
GND
IN
VOUT
OUT
1k
CROSS REFERENCE GUIDE/LT1031 TO AD581
AD581J
order LT1031DCH
AD581K
order LT1031CCH
AD581L
order LT1031BCH
A0581S
order LT1031DMH
A0581U
order LT1031BMH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com