Electronic Components Datasheet Search
  English  ▼

X  

LT1033 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1033
Description  3A Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033 Datasheet(HTML) 3 Page - Linear Technology

  LT1033 Datasheet HTML 1Page - Linear Technology LT1033 Datasheet HTML 2Page - Linear Technology LT1033 Datasheet HTML 3Page - Linear Technology LT1033 Datasheet HTML 4Page - Linear Technology LT1033 Datasheet HTML 5Page - Linear Technology LT1033 Datasheet HTML 6Page - Linear Technology LT1033 Datasheet HTML 7Page - Linear Technology LT1033 Datasheet HTML 8Page - Linear Technology LT1033 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1033
1033fc
Dropout Voltage
Minimum Load Current
Temperature Stability
LT1033M
LT1033C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IADJ
Adjust Pin Current
q
65
100
65
100
µA
∆IADJ
Adjust Pin Current Change
10mA
≤ IOUT ≤ IMAX
q
0.2
2
0.5
2
µA
3V
≤ |VIN – VOUT| ≤ 35V
q
1.0
5
2
5
µA
Minimum Load Current
|VIN – VOUT| ≤ 35V
2.5
5.0
2.5
5.0
mA
|VIN – VOUT| ≤ 10V
1.2
3.0
1.2
3.0
mA
ISC
Current Limit
|VIN – VOUT| ≤ 10V, (Note 3)
3
4.3
6
3
4.3
6
A
|VIN – VOUT| = 35V, TJ = 25°C
0.5
1.3
2.5
0.5
1.3
2.5
A
∆VOUT
Temperature Stability of
TMIN ≤ T ≤ TMAX
q
0.6
1.5
0.6
1.5
%
∆Temp
Output Voltage
∆VOUT
Long Term Stability
TA = 125°C, 1000 Hours
0.3
1.0
0.3
1.0
%
∆Time
en
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
0.003
%
(% of VOUT)
θJC
Thermal Resistance
T Package
2.5
4.0
°C/W
Junction to Case
K Package
1.2
2.0
1.2
2.0
°C/W
P Package
1.8
2.7
°C/W
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
(Note 2)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Unless otherwise indicated, these specifications apply:
|VIN – VOUT| = 5V; and IOUT = 5mA. Power dissipation is internally limited.
However, these specifications apply for power dissipation up to 30W.
OUTPUT CURRENT (A)
1.5
2.5
LT1033 • G02
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.5
1.0
2.0
3.0
TJ = –55°C
TJ = 150°C
TJ = 25°C
TEMPERATURE (
°C)
LT1033 • G03
1.23
1.24
1.25
1.26
1.27
–75
75 100 125 150
–50
50
–25
25
0
INPUT-OUTPUT DIFFERENTIAL (V)
20
30
LT1033 • G04
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
010
40
TJ = –55°C
TJ = 150°C
TJ = 25°C
See guaranteed minimum output current curve. IMAX = 3A.
Note 3: Testing is done using a pulsed low duty cycle technique. See
thermal regulation specifications for output changes due to heating effects.
Load regulation is measured on the output pin at a point 1/8" below the
base of the package.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com