Electronic Components Datasheet Search
  English  ▼

X  

LT1033 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1033
Description  3A Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033 Datasheet(HTML) 4 Page - Linear Technology

  LT1033 Datasheet HTML 1Page - Linear Technology LT1033 Datasheet HTML 2Page - Linear Technology LT1033 Datasheet HTML 3Page - Linear Technology LT1033 Datasheet HTML 4Page - Linear Technology LT1033 Datasheet HTML 5Page - Linear Technology LT1033 Datasheet HTML 6Page - Linear Technology LT1033 Datasheet HTML 7Page - Linear Technology LT1033 Datasheet HTML 8Page - Linear Technology LT1033 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1033
1033fc
Load Regulation*
Guaranteed Minimum
Output Current
Adjustment Current
OUTPUT CURRENT (A)
LT1033 • G11
–0.8
–0.4
0
0.4
0.8
0
0.8
1.6
2.4
3.2
4.0
*THE LT1033 HAS LOAD REGULATION COMPENSATION
WHICH MAKES THE TYPICAL UNIT READ CLOSE TO ZERO.
THIS BAND REPRESENTS THE TYPICAL PRODUCTION SPREAD
INPUT-OUTPUT DIFFERENTIAL (V)
LT1033 • G12
0
1
2
5
3
4
0
5
10
15
20
35
25
30
TEMPERATURE (
°C)
LT1033 • G13
50
55
60
80
65
70
75
–75 –50 –25
0
25
150
50
75 100 125
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection
Ripple Rejection
Ripple Rejection
OUTPUT VOLTAGE (V)
LT1033 • G05
0
20
40
60
80
100
–10
0
–20
–30
–40
CADJ = 10µF
VIN – VOUT = 5V
IL = 500mA
f = 120Hz
TJ = 25°C
CADJ = 0
FREQUENCY (Hz)
LT1033 • G06
0
20
40
60
80
100
100
10
1k
10k
1M
100k
CADJ = 10µF
VIN = –15V
VOUT = –10V
IL = 500mA
TJ = 25°C
CADJ = 0
OUTPUT CURRENT (A)
LT1033 • G07
0
20
40
60
80
100
0.01
0.1
1
10
CADJ = 10µF
VIN = –15V
VOUT = –10V
f = 120Hz
TJ = 25°C
CADJ = 0
Output Impedance
Line Transient Response
Load Transient Response
FREQUENCY (Hz)
LT1033 • G08
101
10–1
10–2
10–3
100
100
1k
10k
100k
10
1M
CADJ = 10µF
CADJ = 0
VIN = –15V
VOUT = –10V
IL = 500mA
CL = 1µF
TJ = 25°C
TIME (
µs)
LT1033 • G09
–1.0
–0.5
–0.4
–0.2
0
0
0.2
0.4
0.6
0.8
30
40
020
10
CADJ = 10µF
CADJ = 0
VOUT = –10V
IL = 50mA
TJ = 25°C
CL = 1µF
TIME (
µs)
LT1033 • G10
–1.5
–1.0
0
–0.6
–0.5
–0.4
–0.2
0
0.2
0.6
30
40
020
10
0.4
VIN = –15V
VOUT = –10V
INL = 50mA
TJ = 25°C
CL = 1µF
CADJ = 10µF
CADJ = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com