Electronic Components Datasheet Search
  English  ▼

X  

LT1089 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1089
Description  High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089 Datasheet(HTML) 1 Page - Linear Technology

  LT1089 Datasheet HTML 1Page - Linear Technology LT1089 Datasheet HTML 2Page - Linear Technology LT1089 Datasheet HTML 3Page - Linear Technology LT1089 Datasheet HTML 4Page - Linear Technology LT1089 Datasheet HTML 5Page - Linear Technology LT1089 Datasheet HTML 6Page - Linear Technology LT1089 Datasheet HTML 7Page - Linear Technology LT1089 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1089
1
1089fa
s
7.5A Switch Capability
s
Low Series Drop (< 1.5V at 7.5A)
s
Logic Input (Positive or Negative Logic)
s
Current Limited
s
Thermal Overload
s
5mA Quiescent Current
s
10
µs Risetime
The LT
®1089 is a logic driven, high current, high side
switch utilizing bipolar technology. The device is capable
of driving loads up to 7.5A with a low series drop of only
1.5V, and the series drop is specified over the full range of
switch currents. The device has internal current limiting
and thermal overload protection. The input logic is
designed so that the output can drive loads referenced
either above or below the device ground pin. Either
positive or negative logic can be used to drive the input.
The device is available in both TO-3 metal can and TO-220
plastic packages.
High Side Switch
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
LT1089 Switch Voltage
vs Output Current
LT1089 • BD01
VOUT
VCC
IQ ≈ 5mA
LOGIC IN
LOGIC GND
BIAS,
THERMAL LIMIT,
CURRENT LIMIT,
OUTPUT DRIVE
SWITCH CURRENT (A)
0
2
1
8
0
2
1
4
3
67
9
5
10
LT1089 • BD02
INDICATES GUARANTEED TEST POINT
TJ = – 55°C
TJ = 25°C
TJ = 150°C
0
°C ≤ T
J ≤ 125°C
–55
°C ≤ T
J ≤ 150°C
BLOCK DIAGRA
OBSOLETE PRODUCT
DATA SHEET FOR REFERENCE ONLY
Consult www.linear.com for possible alternate source.


Similar Part No. - LT1089

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1089 LINER-LT1089 Datasheet
92Kb / 8P
High Side Switch Utilizing Bipolar Technology
LT1089CK LINER-LT1089CK Datasheet
92Kb / 8P
High Side Switch Utilizing Bipolar Technology
LT1089CT LINER-LT1089CT Datasheet
92Kb / 8P
High Side Switch Utilizing Bipolar Technology
LT1089MK LINER-LT1089MK Datasheet
92Kb / 8P
High Side Switch Utilizing Bipolar Technology
More results

Similar Description - LT1089

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4AM01MH5 SANYO-4AM01MH5 Datasheet
26Kb / 4P
High-side Switch
logo
Rohm
BD6510F ROHM-BD6510F Datasheet
210Kb / 6P
High-Side Switch
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
High-Side Switch
BD6513F ROHM-BD6513F Datasheet
211Kb / 6P
High-Side Switch
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
High Side Switch
BD6517F ROHM-BD6517F Datasheet
209Kb / 6P
High Side Switch
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
High-side Switch
logo
Rohm
BD6519FJ ROHM-BD6519FJ Datasheet
305Kb / 6P
High Side Switch
logo
Siemens Semiconductor G...
BTS410E SIEMENS-BTS410E Datasheet
403Kb / 12P
High-side switch
BTS432D SIEMENS-BTS432D Datasheet
149Kb / 7P
High-side switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com