Electronic Components Datasheet Search
  English  ▼

X  

LT1089 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1089
Description  High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089 Datasheet(HTML) 4 Page - Linear Technology

  LT1089 Datasheet HTML 1Page - Linear Technology LT1089 Datasheet HTML 2Page - Linear Technology LT1089 Datasheet HTML 3Page - Linear Technology LT1089 Datasheet HTML 4Page - Linear Technology LT1089 Datasheet HTML 5Page - Linear Technology LT1089 Datasheet HTML 6Page - Linear Technology LT1089 Datasheet HTML 7Page - Linear Technology LT1089 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1089
4
1089fa
TYPICAL PERFOR A CE CHARACTERISTICS
Minimum Output Current
Short-Circuit Current
SWITCH VOLTAGE (V)
0
0
1
3
4
5
10
7
10
20
25
LTC1089 • TPC01
2
8
9
6
5
15
30
35
(LOGIC IN – GND) = 0V SWITCH OFF
TJ = 150°C
TJ = – 55°C
TJ = 25°C
LTC1089 • TPC02
SWITCH VOLTAGE (VCC – VOUT) (V)
0
8
10
12
15
25
6
4
510
20
30
35
2
0
–55
°C
150
°C
25
°C
Input Trip Voltage
(Logic In – GND)
LTC1089 • TPC03
JUNCTION TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
2.5
3.0
–25
25
75
125
Rise and Fall Times
Logic Input Current
Ground Pin Current
LTC1089 • TPC04
INPUT VOLTAGE (LOGIC IN – GND) (V)
0
0
5
10
15
510
15
TJ = 125°C
TJ = –55°C
TJ = 25°C
LTC1089 • TPC05
INPUT VOLTAGE (LOGIC IN – GND) (V)
0
0
50
100
150
510
15
TJ = 125°C
TJ = – 55°C
VCC = 20V
TJ = 25°C
LTC1089 • TPC06
TIME (
µs)
0
10
14
18
80
6
2
8
12
16
4
0
–2
20
10
40
30
60 70
90
50
100
RL = 2Ω
VOUT = 10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com