Electronic Components Datasheet Search
  English  ▼

X  

LTC201A Datasheet(PDF) 8 Page - Linear Technology

Part # LTC201A
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201A Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC201A Datasheet HTML 4Page - Linear Technology LTC201A Datasheet HTML 5Page - Linear Technology LTC201A Datasheet HTML 6Page - Linear Technology LTC201A Datasheet HTML 7Page - Linear Technology LTC201A Datasheet HTML 8Page - Linear Technology LTC201A Datasheet HTML 9Page - Linear Technology LTC201A Datasheet HTML 10Page - Linear Technology LTC201A Datasheet HTML 11Page - Linear Technology LTC201A Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC201A/LTC202/LTC203
8
201a23fb
Micropower, ±4.5V to ±15V, Voltage Inverter Using the LTC203
Quad 12-Bit Sample-and-Hold
APPLICATIO S I FOR ATIO
1µF
1µF
VOUT = – VIN
LTC203
V +
GND
S2
S1
S3
S4
IN3
IN2
IN1
IN4
D3
D2
D4
D1
LT201_202_203 • AI09
10µF
1000pF
1MΩ
330k
VIN
74C14
14
14
16
10
13
3
5
1
9
8
7
4
6
15
2
11
VIN
ROUT
VOUT, NO LOAD
IQ
4.5V
–4.494V(6mV Error)
–14.975V(25mV Error)
15V
15µA
1.1kΩ
520Ω
125µA
V –
–
+
–
+
–
+
–
+
LT1014
LT1079
LTC201A/
LTC202/
LTC203
V +
GND
S2
S1
S3
S4
IN3
IN2
IN1
IN4
D3
D2
D4
D1
V –
0.01µF
0.01µF
0.01µF
0.01µF
LT201_202_203 • AI10
VOUT1
VOUT2
VOUT3
VOUT4
–5V
5V
VIN4
VIN3
VIN2
VIN1
NC SAMPLE
SAMPLE
HOLD
HOLD
NO
LT1014
OR
LT1079
SAMPLE-TO-HOLD
OFFSET
SLEW RATE
(0 TO 5V STEP)
APERTURE TIME
AQUISITION TIME TO
0.01% (0 TO 2V STEP)
DROOP RATE
0.6mV
0.6mV
300ns
300ns
14µs
27µs
0.4V/µs
0.07V/µs
0.8mV/ms
0.6mV/ms
1.6mA
180µA
SUPPLY CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com