Electronic Components Datasheet Search
  English  ▼

X  

LTC201A Datasheet(PDF) 9 Page - Linear Technology

Part # LTC201A
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201A Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC201A Datasheet HTML 5Page - Linear Technology LTC201A Datasheet HTML 6Page - Linear Technology LTC201A Datasheet HTML 7Page - Linear Technology LTC201A Datasheet HTML 8Page - Linear Technology LTC201A Datasheet HTML 9Page - Linear Technology LTC201A Datasheet HTML 10Page - Linear Technology LTC201A Datasheet HTML 11Page - Linear Technology LTC201A Datasheet HTML 12Page - Linear Technology LTC201A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC201A/LTC202/LTC203
9
201a23fb
50nV
10 sec
Ultra Low Noise, Low Drift Chopper Amplifier
Noise in a 0.1 to 10Hz Bandwidth
APPLICATIO S I FOR ATIO
–
+
1µF
0.47µF
1µF
LTC203
LT201_202_203 • AI11
100kΩ
1000pF
100kΩ
10kΩ
1MΩ
10Ω
10Ω
10kΩ
V +
GND
S2
S1
S3
S4
NC
IN3
IN2
IN1
IN4
D3
D2
D4
D1
V –
LT1028
LT1097
14
16
10
13
12
3
5
19
8
7
4
615
2
11
15V
15V
15V
– 15V
– 15V
– 15V
15V
OUTPUT
R2
R1
74C14
INPUT
470pF
NOISE: 40nVP-P 0.1Hz TO 10Hz
VOS:1µV
DRIFT: 0.05µV/°C
GAIN:
AVOL:> 10
8
Ib: 25nA
R2
R1
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com