Electronic Components Datasheet Search
  English  ▼

X  

LTC485 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology LTC485 Datasheet HTML 11Page - Linear Technology LTC485 Datasheet HTML 12Page - Linear Technology LTC485 Datasheet HTML 13Page - Linear Technology LTC485 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC485
14
485fk
For more information www.linear.com/LTC485
LINEAR TECHNOLOGY CORPORATION 1994
LT 0114 REV K • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC485
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/LTC487
Low Power Quad RS485 Drivers
110μA Supply Current
LTC488/LTC489
Low Power Quad RS485 Receivers
7mA Supply Current
LTC490/LTC491
Low Power Full-Duplex RS485 Transceivers
300μA Supply Current
LTC1480
3.3V Supply RS485 Transceiver
Lower Supply Voltage
LTC1481
Low Power RS485 Transceiver with Shutdown
Lowest Power
LTC1482
RS485 Transceiver with Carrier Detect
±15kV ESD, Fail-Safe
LTC1483
Low Power, Low EMI RS485 Transceiver
Slew Rate Limited Driver Outputs, Lowest Power
LTC1484
RS485 Transceiver with Fail-Safe
±15kV ESD, MSOP Package
LTC1485
10Mbps RS485 Transceiver
High Speed
LTC1518/LTC1519
52Mbps Quad RS485 Receivers
Higher Speed, LTC488/LTC489 Pin-Compatible
LTC1520
LVDS-Compatible Quad Receiver
100mV Threshold, Low Channel-to-Channel Skew
LTC1535
2500V Isolated RS485 Transceiver
Full-Duplex, Self-Powered Using External Transformer
LTC1685
52Mbps RS485 Transceiver
Industry-Standard Pinout, 500ps Propagation Delay Skew
LTC1686/LTC1687
52Mbps Full-Duplex RS485 Transceivers
LTC490/LTC491 Pin Compatible
LTC1688/LTC1689
100Mbps Quad RS485 Drivers
Highest Speed, LTC486/LTC487 Pin Compatible
LTC1690
Full-Duplex RS485 Transceiver with Fail-Safe
±15kV ESD, LTC490 Pin Compatible
LT1785/LT1785A
±60V Protected RS485 Transceivers
±15kV ESD, Fail-Safe (LT1785A)
LT1791/LT1791A
±60V Protected Full-Duplex RS485 Transceivers
±15kV ESD, Fail-Safe (LT1791A)
LTC2850/LTC2851/
LTC2852
3.3V Supply RS485 Transceivers
±15kV ESD, 20Mbps, 900µA Supply Current, Fail-Safe
LTC2854/LTC2855
3.3V Supply RS485 Transceivers
±15kV ESD, 20Mbps, 900µA Supply Current,
Integrated Switchable Termination
LTC2856/LTC2857/
LTC2858
20Mbps RS485 Transceivers
±15kV ESD, 900µA Supply Current, Fail-Safe
LTC2859/LTC2861
20Mbps RS485 Transceivers
±15kV ESD, 900µA Supply Current, Integrated Switchable Termination
LTC2862/LTC2863/
LTC2864/LTC2865
±60V Protected RS485 Transceivers
3V to 5.5V Supply, ±15kV ESD, ±25V Common Mode Range,
20Mbps or 250kbps
LTM2881
Complete Isolated RS485 Transceiver
2500VRMS Isolation, Isolated DC Power (5V at Up to 200mA), 3.3V or 5V
Operation, No External Components Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com