Electronic Components Datasheet Search
  English  ▼

X  

LTC485 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC485
6
485fk
For more information www.linear.com/LTC485
SWITCHING TIME WAVEFORMS
TEST CIRCUITS
VOD
A
B
R
R
VOC
485 F01
Figure 1. Driver DC Test Load
Figure 2. Receiver Timing Test Load
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2
RECEIVER
OUTPUT
CRL
15pF
1k
S1
S2
TEST POINT
VCC
1k
485 F02
3V
DE
A
B
DI
RDIFF
CL1
CL2
RO
15pF
A
B
RE
485 F03
OUTPUT
UNDER TEST
CL
S1
S2
VCC
500
Ω
485 F04
Figure 5. Driver Propagation Delays
DI
3V
1.5V
tPLH
tr
tSKEW
1/2 VO
VO
80%
10%
0V
B
A
VO
–VO
0V
90%
1.5V
tPLH
tSKEW
1/2 VO
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
20%
tf
VDIFF = V(A) – V(B)
485 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com