Electronic Components Datasheet Search
  English  ▼

X  

AN4006 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4006
Description  using the PM8803 and an external current booster
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4006 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4006 Datasheet HTML 3Page - STMicroelectronics AN4006 Datasheet HTML 4Page - STMicroelectronics AN4006 Datasheet HTML 5Page - STMicroelectronics AN4006 Datasheet HTML 6Page - STMicroelectronics AN4006 Datasheet HTML 7Page - STMicroelectronics AN4006 Datasheet HTML 8Page - STMicroelectronics AN4006 Datasheet HTML 9Page - STMicroelectronics AN4006 Datasheet HTML 10Page - STMicroelectronics AN4006 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN4006
Bill of material
Doc ID 022454 Rev 1
7/19
3
Bill of material
The following table summarizes the bill of material for the high-power PoE converter based
on the PM8803, configured in active-clamp forward topology with self-driven synchronous
rectification.
Table 2.
Bill of material
Reference
Description
Value
Tol
Voltage
Body
Vendor
EVALPM8803
FWD rev1
Board PCB
C1,C2,C3,C4,
C11C42,C50,
C57
Ceramic capacitor
100 nF
50 V
603
Std
C5,C6,C7,C8
Ceramic capacitor
10 nF
10%
100 V
603
TDK
C10,C39,C41,
C53C59
Ceramic capacitor
1 µF
20%
16 V
603
Std
C12
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
C14,C16, C21
Ceramic capacitor
1 nF
10%
100 V
603
TDK
C18,C60
Ceramic capacitor
47 nF
100 V
805
TDK
C19,C38
Ceramic capacitor
22 nF
50 V
603
Std
C23,C54
Ceramic capacitor
470 pF
50 V
603
Std
C26
Aluminium
capacitor
33 µF
20%
100 V
10x10.2
Std Low ESR
C27,C33,C37
Ceramic capacitor
22 µF
20%
6.3 V
805
Std
C28,C29,C30
Ceramic capacitor
2.2 µF
20%
100 V
1812
TDK
C31,C37
Ceramic capacitor
1 nF
10%
100 V
805
Std
C32
Ceramic capacitor
100 nF
10%
100 V
805
TDK
C33,C35
Ceramic capacitor
10 µF
6.3 V
805
TDK
C34,C36
Aluminium
capacitor
330 µF
6.3 V
8x10.2
Std Low ESR
C49, C56
Ceramic capacitor
22 nF
50 V
603
Std
C51
Ceramic capacitor
100 nF
200 V
1210
Std
C55
Ceramic capacitor
100 pF
50 V
603
Std
C58
Ceramic capacitor
1 nF
50 V
603
Std
C61
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
D1, D21
Std diode
STTH302S
200 V
SMC
STMicroelectronics
D32,D35
Zener diode
BZX84C10
SOT23
Std
D4,D7,D8,D9,
D12D13,D14,
D17
Schottky diode
STPS2H100A
100 V
SMA
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com