Electronic Components Datasheet Search
  English  ▼

X  

AN4006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4006
Description  using the PM8803 and an external current booster
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4006 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4006 Datasheet HTML 1Page - STMicroelectronics AN4006 Datasheet HTML 2Page - STMicroelectronics AN4006 Datasheet HTML 3Page - STMicroelectronics AN4006 Datasheet HTML 4Page - STMicroelectronics AN4006 Datasheet HTML 5Page - STMicroelectronics AN4006 Datasheet HTML 6Page - STMicroelectronics AN4006 Datasheet HTML 7Page - STMicroelectronics AN4006 Datasheet HTML 8Page - STMicroelectronics AN4006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AN4006
List of figures
Doc ID 022454 Rev 1
3/19
List of figures
Figure 1.
High-power converter schematic: detail of the input section including data transformers,
bridges, protection and optional CM choke . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
High-power converter: detail of the PoE converter based on active-clamp forward topology
with self-driven synchronous rectification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Efficiency measurements at 48 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Efficiency of the different circuits on the converter input stage. . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Booster current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
Booster power dissipation vs. input current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Startup with 0 A load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Startup with 10 A load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Primary-side power MOSFET waveforms at 0 A load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Primary-side power MOSFET waveforms at 16 A load . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Secondary-side power MOSFET waveforms at 0 A load . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Secondary-side power MOSFET waveforms at 16 A load . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Output ripple measurement at 0 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Output ripple measurement at 16 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Output ripple measurement at 16 A with infinite persistance . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 16.
Control loop of the converter at 48 V input and 18 A output . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 17.
Response of the converter to a 8 A - 16 A load transient . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com