Electronic Components Datasheet Search
  English  ▼

X  

AN4009 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4009
Description  The STEVAL-IFP019V1 demonstration board has been developed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4009 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4009 Datasheet HTML 1Page - STMicroelectronics AN4009 Datasheet HTML 2Page - STMicroelectronics AN4009 Datasheet HTML 3Page - STMicroelectronics AN4009 Datasheet HTML 4Page - STMicroelectronics AN4009 Datasheet HTML 5Page - STMicroelectronics AN4009 Datasheet HTML 6Page - STMicroelectronics AN4009 Datasheet HTML 7Page - STMicroelectronics AN4009 Datasheet HTML 8Page - STMicroelectronics AN4009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN4009
List of figures
Doc ID 022458 Rev 1
3/23
List of figures
Figure 1.
STEVAL-IFP019V1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
STEVAL-IFP019V1 top view. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
STEVAL-IFP019V1 bottom view. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
STEVAL-IFP019V1 schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
J1 connector pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
J5 connector pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
STEVAL-IFP019V1 PCB copper heatsink . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Thermal map in steady-state condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
Thermal map in demagnetization condition (1 Hz repetitive cycling on 48 W 1.2 H load) . 11
Figure 11.
Steady-state thermal behavior 3D simulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
Repetitive demagnetization thermal behavior 3D simulation (1 Hz repetitive cycling on
48 W 1.2 H load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Burst timing waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
EFT test set-up according to IEC 61000-4-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 15.
Surge standard timing waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Surge test set-up on supply voltage lines according to IEC 61000-4-5 . . . . . . . . . . . . . . . 16
Figure 17.
ESD test set-up according to IEC 61000-4-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 18.
STEVAL-IFP019V1 component layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
STEVAL-IFP019V1 copper top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
STEVAL-IFP019V1 copper bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com