Electronic Components Datasheet Search
  English  ▼

X  

AN4106 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4106 Datasheet HTML 10Page - STMicroelectronics AN4106 Datasheet HTML 11Page - STMicroelectronics AN4106 Datasheet HTML 12Page - STMicroelectronics AN4106 Datasheet HTML 13Page - STMicroelectronics AN4106 Datasheet HTML 14Page - STMicroelectronics AN4106 Datasheet HTML 15Page - STMicroelectronics AN4106 Datasheet HTML 16Page - STMicroelectronics AN4106 Datasheet HTML 17Page - STMicroelectronics AN4106 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Line/load regulation and output voltage ripple
AN4106
14/39
Doc ID 023156 Rev 1
6
Line/load regulation and output voltage ripple
The output voltage of the board has been measured in different line and load condition. The
results are shown in
Table 4. The output voltage is practically not affected by the line
condition.
The ripple at the switching frequency superimposed at the output voltage has also been
measured and the results are reported in
Table 5.
Table 4.
Output voltage line-load regulation
VIN [VAC]
VOUT
No load
50% load
75% load
100% load
90
12.18
12.16
12.17
12.19
115
12.18
12.17
12.17
12.19
150
12.18
12.17
12.18
12.18
180
12.18
12.17
12.18
12.18
230
12.18
12.18
12.18
12.17
265
12.18
12.18
12.18
12.18
Figure 12.
Line regulation
Figure 13.
Load regulation
VIN [VAC]
AM11557v1
11.9
12
12.1
12.2
12.3
80
105
130155
180205
230255
0
25%
50%
75%
100%
AM11558v1
11.9
12
12.1
12.2
12.3
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
Iout[A]
90
115
230
265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com