Electronic Components Datasheet Search
  English  ▼

X  

AN4106 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4106 Datasheet HTML 13Page - STMicroelectronics AN4106 Datasheet HTML 14Page - STMicroelectronics AN4106 Datasheet HTML 15Page - STMicroelectronics AN4106 Datasheet HTML 16Page - STMicroelectronics AN4106 Datasheet HTML 17Page - STMicroelectronics AN4106 Datasheet HTML 18Page - STMicroelectronics AN4106 Datasheet HTML 19Page - STMicroelectronics AN4106 Datasheet HTML 20Page - STMicroelectronics AN4106 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN4106
Burst mode and output voltage ripple
Doc ID 023156 Rev 1
17/39
Table 6 shows the measured value of the burst mode frequency ripple measured in different
operating conditions. The ripple in burst mode operation is very low.
Table 6.
Output voltage ripple at no/light load
VIN [VAC]
VOUT [mV]
No load
25 mA load
90
2
3
115
2
3
230
2
4
265
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com