Electronic Components Datasheet Search
  English  ▼

X  

AN4154 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics AN4154 Datasheet HTML 10Page - STMicroelectronics AN4154 Datasheet HTML 11Page - STMicroelectronics AN4154 Datasheet HTML 12Page - STMicroelectronics AN4154 Datasheet HTML 13Page - STMicroelectronics AN4154 Datasheet HTML 14Page - STMicroelectronics AN4154 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN4154
Operating waveforms
Doc ID 023578 Rev 2
11/21
5
Operating waveforms
The converter is operated at different mains conditions (refer to
Figure 5 and Figure 11),
starting from 90 to 450 Vac and the drain switching waveform and drain current waveforms
are captured at each line voltage at typical load conditions. Referring to
Figure 10, the peak-
to-peak voltage across the MOSFET is 775 V. It clearly indicates that there is a good safe
margin (=125 V) in operating the device even at worst line voltage 450 Vac and therefore it
confirms the reliable operation of the converter at high line operating conditions.
Figure 5.
Drain-source voltage and current at 90 Vac and typical load on all outputs
Figure 6.
Drain-source voltage and current at 150 Vac and typical load on all
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com