Electronic Components Datasheet Search
  English  ▼

X  

AN4154 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 12Page - STMicroelectronics AN4154 Datasheet HTML 13Page - STMicroelectronics AN4154 Datasheet HTML 14Page - STMicroelectronics AN4154 Datasheet HTML 15Page - STMicroelectronics AN4154 Datasheet HTML 16Page - STMicroelectronics AN4154 Datasheet HTML 17Page - STMicroelectronics AN4154 Datasheet HTML 18Page - STMicroelectronics AN4154 Datasheet HTML 19Page - STMicroelectronics AN4154 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Bill of material
AN4154
16/21
Doc ID 023578 Rev 2
7
Bill of material
Table 5.
BOM
Part reference
Part no.
Part description
Package
Make
BR1
MB10S
1000 V, bridge rectifier
SOIC4
C2,C3
22 µF/400 V
22 µF, 400 V, 105
°C /
Rubycon-MXR series or
equivalent
TH
Rubycon
C4
470 µF/25 V low ESR
470 F,25 V, 105
°C /
Rubycon-ZL series or
equivalent
TH
Rubycon
C5
100 nF
100 nF plastic film or
ceramic
0805
C6
2.2 µF/35 V
2.2 nF, 35 V, 105
°C /
Sanyo-CG series or
equivalent
TH
Sanyo
C7
2.2 nF- Y1 cap
2.2 nF Y1 class
TH
C8
1 nF
1 nF, 1% plastic film or
ceramic
0803
C9
4.7 nF
4.7 nF, 1% plastic film
or ceramic
0804
C10
470 nF
470 nF, 1% plastic film
or ceramic
0805
C11,C12
220 nF/630 V
220 nF, 630 V, Box
capacitor
TH
C13
1000 µF/25 V low ESR
1000 nF, 25 V, 105
°C /
Rubycon-ZL series or
equivalent
TH
Rubycon
C14,C18
100 µF/16 V low ESR
100 F, 16 V, 105
°C /
Rubycon-ZL series or
equivalent
TH
Rubycon
C15,C19
470 µF/16 V low ESR
470 F, 16 V, 105
°C /
Rubycon-ZL series or
equivalent
TH
Rubycon
C16,C17,C20
100 nF
470 nF, 1% plastic film
or ceramic
0805
C21,C22
10 nF
470 nF, 1% plastic film
or ceramic
0806
C23
2.2 nF
2.2 nF, 630 V, plastic
film or ceramic
TH
D1,D5,D6
STPS1H100A
Schottky
SMB
STMicroelectronics
D2
STTH108A
1 A / 800 V, ultra fast
SMB
STMicroelectronics
D3
1N4148
0.3 A / 75 V, glass case
SOD-123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com