Electronic Components Datasheet Search
  English  ▼

X  

AN4214 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4214
Description  High power factor flyback converter using the L6564
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4214 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4214 Datasheet HTML 6Page - STMicroelectronics AN4214 Datasheet HTML 7Page - STMicroelectronics AN4214 Datasheet HTML 8Page - STMicroelectronics AN4214 Datasheet HTML 9Page - STMicroelectronics AN4214 Datasheet HTML 10Page - STMicroelectronics AN4214 Datasheet HTML 11Page - STMicroelectronics AN4214 Datasheet HTML 12Page - STMicroelectronics AN4214 Datasheet HTML 13Page - STMicroelectronics AN4214 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Basic specifications
AN4214
10/37
DocID023991 Rev 1
3
Basic specifications
Table 1. Basic specifications of SMPS
Parameters
Limits
Rated input voltage range
190 - 265 Vac
Minimum voltage operation (in case of line sag)
140 Vac
Input overvoltage shutdown
> 275 Vac
Input supply frequency (fL)
47 - 63 Hz
Input / output isolation
Yes, > 2.7 kV
Power factor correction
Yes, > 0.95
THD
< 20%
Nominal output voltage
75 V ± 1.5 V
Load current
0.7 A
No load input power at 230 Vac(1)
1. The no load power consumption is measured after removing the resistors used for input OVP (R2, R6, R7).
< 0.75 W
Total output power
55 W
Efficiency (full load for wide mains variations)
> 85%
Output voltage pk-pk ripple(2.fL)
< 20%
Topology
Single stage HPF flyback
Maximum ambient temperature
50
C
Table 2. Transformer specification
Parameters
Limits
Max. output power
Max. 55 W
Primary inductance
0.62 ± 0.01 mH at 50 KHz
Primary side leakage inductance
< 10 µH at 50 KHz
Peak primary current
2.8 A
Average primary current
0.9 A
Saturation current
3.5 A
Operating switching frequency
50 KHz min. to 125 KHz max.
Core size
ER28/17/11
Ferrite material
N87, EPCOS
Bobbin
12 pins, horizontal
Dielectric strength
> 2.7 kV
Approx air gap (central limb)
0.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com