Electronic Components Datasheet Search
  English  ▼

X  

AN4214 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4214
Description  High power factor flyback converter using the L6564
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4214 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4214 Datasheet HTML 28Page - STMicroelectronics AN4214 Datasheet HTML 29Page - STMicroelectronics AN4214 Datasheet HTML 30Page - STMicroelectronics AN4214 Datasheet HTML 31Page - STMicroelectronics AN4214 Datasheet HTML 32Page - STMicroelectronics AN4214 Datasheet HTML 33Page - STMicroelectronics AN4214 Datasheet HTML 34Page - STMicroelectronics AN4214 Datasheet HTML 35Page - STMicroelectronics AN4214 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Bill of material
AN4214
32/37
DocID023991 Rev 1
31
C2,C10, C23,
C26
Capacitor Y2 type, 2.2 nF/250 Vac
4
TH
32
C4
Capacitor polyester type 220 nF/630 Vdc
1
TH
33
C13, C17,
C21
Capacitor ceramic 2.2nF/50V
3
SMD 0805
34
C18
Capacitor ceramic 1
F/25 V
1
SMD 0805
35
C22
Capacitor ceramic 22 pF/50 V
1
SMD 0805
36
C14,C19,
C20, C15
Capacitor ceramic 100 nF/50 V
4
SMD 0805
37
C5
Capacitor film type 1 nF/400 Vdc
or 1 KV disc
1TH
38
C1
Capacitor film type - DNL
1
TH
39
C11
Capacitor ceramic 100 nF/100 V
1
SMD 1206
40
C24
Capacitor ceramic 1 nF/50 V
1
SMD 0805
41
C25
Capacitor ceramic 470 nF/25 V
1
SMD 0805
42
C16
Capacitor electrolytic 47
F/50 V
1
TH
43
C7, C8
Capacitor electrolytic 220
F/100 V
2
TH
44
C12
Capacitor electrolytic 10
F/35 V
1
TH
45
F1
Fuse 3 A glass
1
Axial
46
L1
Line inductor 470
H1
TH, drum type -
dia. = 6 mm
47
L3
Common mode inductor 20 mH,
EF20 type
1
TH, 8 pins horizontal
48
L2
DC filter inductor, 10
H/3 Amp
1
TH, drum type -
dia. = 6 mm
49
T1
Transformer ER28/17/11
1
TH, 12 pins
horizontal
50
D2, D3, D4,
D5
Diode 1N5408
4
CASE 267-05,
axial lead
ON Semiconductor
51
D9
Diode 1N4148
1
SOD27; DO-35
NXP
Semiconductors
52
D8
Diode BAV21
1
SOD27; DO-35
NXP
Semiconductors
53
D6
Diode STTH1L06A
1
SMD - SMA
package
STMicroelectronics
54
DZ2
Zener diode 18 V/0.5 W
1
TH
55
DZ2
Zener diode 12 V/0.5 W
1
TH
56
D1
Fast rectifier STTH3R04S
1
SMD - SMC
package
STMicroelectronics
Table 5. Bill of material (continued)
Sr. no.
Part
reference
Part description
Qty.
Package
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com