Electronic Components Datasheet Search
  English  ▼

X  

UPD3720ACY Datasheet(PDF) 13 Page - NEC

Part # UPD3720ACY
Description  2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3720ACY Datasheet(HTML) 13 Page - NEC

Back Button UPD3720ACY Datasheet HTML 9Page - NEC UPD3720ACY Datasheet HTML 10Page - NEC UPD3720ACY Datasheet HTML 11Page - NEC UPD3720ACY Datasheet HTML 12Page - NEC UPD3720ACY Datasheet HTML 13Page - NEC UPD3720ACY Datasheet HTML 14Page - NEC UPD3720ACY Datasheet HTML 15Page - NEC UPD3720ACY Datasheet HTML 16Page - NEC UPD3720ACY Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
µPD3720A
13
APPLICATION CIRCUIT EXAMPLE
47 F/25 V
+
B3
1
2
3
4
47
Ω
10
Ω
47
Ω
RB
φ
2
φ
9
10
11
VOUT3
AGND
RB
φ
1L
φ
2
φ
TG3
φ
AGND
VOUT2
VOUT1
VOD
1
φ
TG1
φ
TG2
φ
14
13
12
19
21
22
2L
φ
17
47
Ω
B1
B2
10
Ω
10
Ω
µ
0.1 F
µ
47 F/25 V
10
Ω
+12 V
1
φ
TG
φ
B1 to B3 EQUIVALENT CIRCUIT
+
µ
12 V
100
Ω
100
Ω
CCD
VOUT
2SC945
2 k
Ω
-
Remark
Inverters :
PD74HC04
µ
5
6
7
8
NC
NC
NC
NC
NC
NC
NC
NC
20
18
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com