Electronic Components Datasheet Search
  English  ▼

X  

UPD3720ACY Datasheet(PDF) 2 Page - NEC

Part # UPD3720ACY
Description  2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3720ACY Datasheet(HTML) 2 Page - NEC

  UPD3720ACY Datasheet HTML 1Page - NEC UPD3720ACY Datasheet HTML 2Page - NEC UPD3720ACY Datasheet HTML 3Page - NEC UPD3720ACY Datasheet HTML 4Page - NEC UPD3720ACY Datasheet HTML 5Page - NEC UPD3720ACY Datasheet HTML 6Page - NEC UPD3720ACY Datasheet HTML 7Page - NEC UPD3720ACY Datasheet HTML 8Page - NEC UPD3720ACY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µPD3720A
2
COMPARISON CHART
Item
µPD3720A
µPD3720
PIN CONFIGURATION
Pin 11
Analog ground
Digital ground
ELECTRICAL
Output fall delay time
70
80
CHARACTERISTICS
TYP. (ns)
TIMING CHART
Output signal waveform
Spike noise reduced
–
BLOCK DIAGRAM
CCD analog shift register
Transfer gate
CCD analog shift register
Transfer gate
Photocell
........
CCD analog shift register
Transfer gate
CCD analog shift register
Transfer gate
Photocell
........
CCD analog shift register
Transfer gate
CCD analog shift register
Transfer gate
Photocell
........
φ
VOD
AGND
AGND
2L
19
2
11
17
21
22
1
VOUT1
(B)
VOUT2
(G)
VOUT3
(R)
φ1
14
φ2
12
9
φTG2
10
φTG3
13
φTG1
4
φ1L
3
φRB
Clamp pulse
generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com