Electronic Components Datasheet Search
  English  ▼

X  

MSK5000 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5000
Description  Dual Low Dropout Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5000 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5000_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
100mA≤IOUT≤3A
VIN=VOUT+3V
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE @ Tc=125°C
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
VIN=VOUT+3V
100mA≤IOUT≤3A
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE @ Tc=125°C
PART
NUMBER
POSITIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
Max.
1.0
2.0
1.5
1
2
0.5
.75
15
-
-
4.5
1.0
2.0
1.2
1
2
.5
.75
10
-
-
4.7
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5000-5009
MSK5000B-5009B
ESD Rating
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
Class 2
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Outputs are decoupled to ground using 33µF minimum low ESR capacitors unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Please consult the factory if alternate output voltages are required.
Input voltage (VIN=VOUT + a specified voltage) is implied to be more negative than VOUT.
Continuous operation at or above absolute maximum ratings may adversely effect the device
performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
Min.
-
-
-
-
-
-
-
-
3.0
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
Min.
-
-
-
-
-
-
-
-
3.2
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Typ.
0.1
0.1
1.3
0.2
0.3
0.1
0.2
10
4
75
4.3
0.1
0.1
0.8
0.2
0.3
.1
.2
4.5
3.5
75
4.5
Typ.
0.1
-
1.3
0.2
-
0.1
-
10
4
75
4.3
0.1
-
0.8
0.2
-
.1
-
4.5
3.5
75
4.5
Max.
2.0
-
1.6
2
-
0.6
-
15
-
-
4.6
2.0
-
1.3
2
-
.6
-
10
-
-
4.8
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK5000 SERIES
MSK5000B SERIES
3
2
2
2
2
%
%
V
%
%
%
%
mA
A
dB
°C/W
%
%
V
%
%
%
%
mA
A
dB
°C/W
+3.3V
+5.0V
+5.0V
+12.0V
+12.0V
+15.0V
+15.0V
+5.0V
+5.0V
+10.0V
MSK5000
MSK5001
MSK5002
MSK5003
MSK5004
MSK5005
MSK5006
MSK5007
MSK5008
MSK5009
-5.2V
-5.0V
-5.2V
-5.0V
-12.0V
-15.0V
-5.0V
-12.0V
-15.0V
-10.0V
8
OUTPUT VOLTAGES
POSITIVE NEGATIVE
7
2
2
1
2
3
4
5
6
7
8
9
10
2
NOTES:
2
2
9
±30V
Internally Limited
±3A
+150°C
Input Voltage (WRT VOUT)
Power Dissipation
Output Current
Junction Temperature
±VIN
PD
IOUT
TJ
10
8548-81 Rev. K 2/15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com