Electronic Components Datasheet Search
  English  ▼

X  

MSK5000 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5000
Description  Dual Low Dropout Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5000 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5000_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5000_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FEATURES:
Dual Low Dropout Voltage
Internal Short Circuit Current Limit
Output Voltages Are Internally Set To ±1% Max
Electrically Isolated Case
Internal Thermal Overload Protection
Many Output Voltage Combinations
Alternate Package and Lead Form Configurations Available
Equivalent Rad Hard Device MSK5930RH Series
High Efficiency Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
+VIN
+VOUT
GND
-VIN
-VOUT
5000
SERIES
DUAL POSITIVE/NEGATIVE,
3 AMP, LOW DROPOUT
FIXED VOLTAGE REGULATORS
DESCRIPTION:
The MSK5000 Series offers low dropout voltages on both the positive and negative regulators. This, combined with the
low θJC, allows increased output current while providing exceptional device efficiency. Because of the increased efficiency,
a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board space. Output
voltages are internally trimmed to ±1% maximum resulting in consistent and accurate operation. Additionally, both regulators
offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for external
components and excessive derating.
EQUIVALENT SCHEMATIC
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
8548-81 Rev. K 2/15
CASE=ISOLATED


Similar Part No. - MSK5000_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5000BTD MSK-MSK5000BTD Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5000BTS MSK-MSK5000BTS Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5000BTU MSK-MSK5000BTU Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5000BZD MSK-MSK5000BZD Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000BZD ANAREN-MSK5000BZD Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5000_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2935 ONSEMI-LM2935 Datasheet
125Kb / 8P
LOW DROPOUT DUAL VOLTAGE REGULATOR
1996 Rev 1
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
Dual Low-Dropout Voltage Regulator
logo
M.S. Kennedy Corporatio...
MSK5002 MSK-MSK5002_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5003 MSK-MSK5003_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5004 MSK-MSK5004_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5005 MSK-MSK5005_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5006 MSK-MSK5006_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5008 MSK-MSK5008_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
MSK5009 MSK-MSK5009_15 Datasheet
780Kb / 7P
Dual Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com