Electronic Components Datasheet Search
  English  ▼

X  

UPD3728 Datasheet(PDF) 16 Page - NEC

Part # UPD3728
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728 Datasheet(HTML) 16 Page - NEC

Back Button UPD3728 Datasheet HTML 12Page - NEC UPD3728 Datasheet HTML 13Page - NEC UPD3728 Datasheet HTML 14Page - NEC UPD3728 Datasheet HTML 15Page - NEC UPD3728 Datasheet HTML 16Page - NEC UPD3728 Datasheet HTML 17Page - NEC UPD3728 Datasheet HTML 18Page - NEC UPD3728 Datasheet HTML 19Page - NEC UPD3728 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
µPD3728
16
DATA SHEET S13878EJ1V0DS00
9.
Register imbalance: RI
The rate of the difference between the averages of the output voltage of Odd and Even pixels, against the average
output voltage of all the valid pixels.
n : Number of valid pixels
Vj : Output voltage of each pixel
10. Random noise:
σ
Random noise
σ is defined as the standard deviation of a valid pixel output signal with 100 times (=100 lines)
data sampling at dark (light shielding).
Vi: A valid pixel output signal among all of the valid pixels for each color
This is measured by the DC level sampling of only the signal level, not by CDS (Correlated Double Sampling).
RI (%) =
2
n
j = 1
n
2
(V2j – 1 – V2j)
1
n
j = 1
n
Vj
× 100
∑
∑
σ (mV) =
, V =
Σ
i=1
100
(Vi – V)2
Σ
i=1
100
Vi
100
100
1
V1
V100
V2
line 2
line 100
line 1
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com