Electronic Components Datasheet Search
  English  ▼

X  

UPD3728 Datasheet(PDF) 18 Page - NEC

Part # UPD3728
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728 Datasheet(HTML) 18 Page - NEC

Back Button UPD3728 Datasheet HTML 14Page - NEC UPD3728 Datasheet HTML 15Page - NEC UPD3728 Datasheet HTML 16Page - NEC UPD3728 Datasheet HTML 17Page - NEC UPD3728 Datasheet HTML 18Page - NEC UPD3728 Datasheet HTML 19Page - NEC UPD3728 Datasheet HTML 20Page - NEC UPD3728 Datasheet HTML 21Page - NEC UPD3728 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
µPD3728
18
DATA SHEET S13878EJ1V0DS00
APPLICATION CIRCUIT EXAMPLE
Remarks 1. Pin 9 (
φ10) and pin 28 (φ20) should be open to decrease the influence of input clock noise to output
signal waveform, in case of operating at low or middle speed range; data rate under 24 MHz or so.
2. The inverters shown in the above application circuit example are the 74AC04.
VOUT3
GND
VOUT4
VOUT1
VOUT6
VOUT2
VOUT5
GND
GND
GND
GND
VOD
RB
NC
GND
CLB
NC
NC
NC
NC
2
NC
1
2
GND
NC
NC
1
TG1
NC
NC
TG2
TG3
10
20
1L
PD3728
+
10 F/16 V
0.1 F
+
47 F/25 V
0.1 F
+5 V
+12 V
+
10 F/16 V 0.1 F
+5 V
B4
B6
B5
B1
B3
B2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
47
Ω
47
Ω
47
Ω
2
Ω
10
Ω
1
TG
CLB
RB
2
µµ
µ
µ
µµ
µ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φφ
φ
φφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com