Electronic Components Datasheet Search
  English  ▼

X  

LT1268 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1268
Description  7.5A, 150kHz Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1268 Datasheet(HTML) 1 Page - Linear Technology

  LT1268 Datasheet HTML 1Page - Linear Technology LT1268 Datasheet HTML 2Page - Linear Technology LT1268 Datasheet HTML 3Page - Linear Technology LT1268 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1268B/LT1268
7.5A, 150kHz
Switching Regulators
S
FEATURE
DESCRIPTIO
s
Wide Input Voltage Range: 3.5V to 30V
s
Low Quiescent Current: 7mA
s
Internal 7.5A Switch
s
Very Few External Parts Required
s
Self-Protected Against Overloads
s
Available in Standard and Surface Mount
5-Pin Packages
s
Can Be Externally Synchronized
(See LT1072 Data Sheet)
The LT1268B and LT1268 are monolithic high power
switching regulators. Identical to the popular LT1070,
except for switching frequency (150kHz) and higher
switch current, they can be operated in all standard
switching configurations including buck, boost, flyback,
and inverting. A high current, high efficiency switch is
included on the die along with all oscillator, control, and
protection circuitry. Integration of all functions allows
the LT1268 to be built in standard 5-pin power packages.
This makes it extremely easy to use and provides “bust
proof” operations similar to that obtained with 3-pin
linear regulators.
The LT1268 operate with supply voltages from 3.5V to
30V and draw only 7mA quiescent current. By utilizing
current mode switching techniques, it provides excellent
AC and DC load and line regulation.
The LT1268 use an adaptive anti-sat switch drive to allow
very wide ranging load currents with no loss in efficiency.
An externally activated shutdown mode reduces total
supply current to 100
µA typical for standby operation.
USER NOTE:
This data sheet is only intended to provide specifications, graphs, and a general functional
description of the LT1268B/LT1268. Application circuits are included to show the capability of the
LT1268B/LT1268. A complete design manual (AN19) should be obtained to assist in developing new
designs. This manual contains a comprehensive discussion of both the LT1070 and the external
components used with it, as well as complete formulas for calculating the values of these
components. The manual can also be used for the LT1268B/LT1268 factoring in the higher switch
current rating and higher operating frequency.
APPLICATI
TYPICAL
Boost Regulator with 5.3V
±1% Output
LOAD CURRENT (A)
0
80
90
4
LT1268 • TA02
70
60
1
2
3
100
VIN = 5.3V
VIN = 4.7V
VIN = 5V
Efficiency of 5.3V Boost Converter
VIN
VSW
LT1268B
L1
8
µH, 5A*
D1
MBR1035
D2, D3
†
1N4001
C2
0.068
C3
390
µF
16V
R1
4.043k
0.1%
R2
1.24k
0.1%
R3
220
Ω
FB
GND
VC
CASE
L2
2
µH, 5A**
C1
220
µF
16V
+
+
C4
390
µF
16V
VOUT
5.3V ±1%
3.75A
VIN
4.7V TO
5.3V
LT1268 • TA01
COILTRONICS CTX8-5-52
COILTRONICS CTX2-5-52
OPTIONAL. D2 AND D3 ARE USED TO INCREASE
UNDERVOLTAGE LOCKOUT FROM 2.7V TO
≈4V.
*
**
†
+
C5
0.02
S
APPLICATI
s
High Efficiency Boost Converter
s
PC Power Supply with Multiple Outputs
s
Battery Upconverter
s
Negative-to-Positive Converter


Similar Part No. - LT1268

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1268 LINER-LT1268 Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
LT1268B LINER-LT1268B Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
LT1268B LINER-LT1268B Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
LT1268BCQ LINER-LT1268BCQ Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
LT1268BCT LINER-LT1268BCT Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
More results

Similar Description - LT1268

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1268B LINER-LT1268B Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
logo
Rohm
RSS075P03 ROHM-RSS075P03 Datasheet
86Kb / 5P
Switching (-30V,-7.5A)
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1268B LINER-LT1268B_15 Datasheet
63Kb / 4P
7.5A, 150kHz Switching Regulators
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
172Kb / 5P
Fixed 150KHz Switching Frequency
logo
Maxim Integrated Produc...
MAX17559EVKIT MAXIM-MAX17559EVKIT Datasheet
3Mb / 16P
150kHz Switching Frequency
Rev 0; 6/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com