Electronic Components Datasheet Search
  English  ▼

X  

LT1268 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1268
Description  7.5A, 150kHz Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1268 Datasheet(HTML) 3 Page - Linear Technology

  LT1268 Datasheet HTML 1Page - Linear Technology LT1268 Datasheet HTML 2Page - Linear Technology LT1268 Datasheet HTML 3Page - Linear Technology LT1268 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LT1268B/LT1268
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However,
no responsibility is assumed for its use. Linear Technology Corporation makes no representation that
the interconnection of its circuits as described herein will not infringe on existing patent rights.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆IIN
Supply Current Increase
25
45
mA/A
∆ISW
During Switch-ON Time
f
Switching Frequency
120
150
180
kHz
q
120
180
kHz
DCMAX
Maximum Switch Duty Cycle
65
85
92
%
Shutdown Mode Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.05V
100
500
µA
Shutdown Mode Threshold Voltage
3V
≤ VIN ≤ VMAX
100
150
250
mV
q
50
300
mV
VIN = 15V, VC = 0.5V, VFB = VREF, switch pin open, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Measured with VC in hi clamp, VFB = 0.8V.
Note 2: For duty cycles (DC) between 50% and 65%, minimum guaranteed
switch current is given by ILIM = 6.25 (1.7 – DC).
Note 3: Minimum current limit is reduced by 0.5A at 125
°C. 100°C test
limits are guaranteed by correlation to 125
°C tests.
Note 4: LT1268B reference voltage is specified at
±9mV to guarantee ±1%
output voltage accuracy when 0.1% external resistors are used to set
output voltage. To maintain output accuracy under load, load current
should be taken from the case and the ground pin should be connected
separately to output ground. See AN19 for details.
Note 5: The Q package is intended for surface mount without a separate
heat sink. See graph for thermal resistance as a function of the mounting
area. This curve assumes no other heat dissipators adjacent to package.
Note 6: Maximum switch current may be limited by package power
dissipation, especially for the surface mount (Q) package. This package
has a thermal resistance of 20
°C/W to 50°C/W (see graph). The following
formula will allow an estimate of maximum continuous switch current as a
function of power loss and duty cycle. See AN19 for more details.
IMAX =
P
RSW × DC
P = Power dissipation due to switch current
RSW = Switch-ON resistance ≈ 0.15Ω
DC = Switch duty cycle
In a typical application where thermal resistance is 30
°C/W, maximum
power might be limited to 2W and power allocated to switch loss is 1.5W.
For a duty cycle of 40%, this yields
IMAX =
= 5A
1.5
0.15
× 0.4
Obviously, a combination of high thermal resistance and high duty cycle
may restrict switch current to a value well below the 7.5A electrical limit.
TYPICAL PERFOR A CE CHARACTERISTICS
DUTY CYCLE (%)
0
18
24
80
LT1268 • TPC01
12
6
0
20
40
60
100
70
10
30
50
90
–55°C
125°C
25°C
Switch Current Limit vs Duty Cycle
TOP SURFACE COPPER AREA (cm2)
0
0
10
20
30
40
60
5
10
15
20
LT1268 • 603
25
30
50
SINGLE-SIDED BOARD, 1oz COPPER
DOUBLE-SIDED BOARD, 1oz COPPER
BOTTOM COPPER AREA >100cm2
SWITCH CURRENT (A)
0
1.2
1.6
8
LT1268 • TPC02
0.8
0.4
1.0
1.4
0.6
0.2
0
2
4
6
10
7
1
3
5
9
TJ = 25°C
Switch Saturation Voltage
Q Package Thermal Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com