Electronic Components Datasheet Search
  English  ▼

X  

UPD3729 Datasheet(PDF) 6 Page - NEC

Part # UPD3729
Description  5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3729 Datasheet(HTML) 6 Page - NEC

Back Button UPD3729 Datasheet HTML 2Page - NEC UPD3729 Datasheet HTML 3Page - NEC UPD3729 Datasheet HTML 4Page - NEC UPD3729 Datasheet HTML 5Page - NEC UPD3729 Datasheet HTML 6Page - NEC UPD3729 Datasheet HTML 7Page - NEC UPD3729 Datasheet HTML 8Page - NEC UPD3729 Datasheet HTML 9Page - NEC UPD3729 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
µPD3729
6
INPUT PIN CAPACITANCE (TA = +25
°C, VOD = 12 V)
Parameter
Symbol Pin name Pin No.
MIN.
TYP.
MAX.
Unit
Shift register clock pin capacitance 1
Cφ1
φ1
9
500
800
pF
15
500
800
pF
Shift register clock pin capacitance 2
Cφ2
φ2
10
500
800
pF
16
500
800
pF
Last stage shift register clock pin capacitance
CφL
φ1L
19
50
pF
Reset gate clock pin capacitance
CφRB
φRB
6
50
pF
Reset feed-through level clamp clock pin capacitance
CφCLB
φCLB
20
50
pF
Transfer gate clock pin capacitance
CφTG
φTG1
14
70
pF
φTG2
13
70
pF
φTG3
11
70
pF
Remark
Pins 9 and 15 (
φ1), 10 and 16 (φ2) are each connected inside of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com