| Electronic Components Datasheet Search |
|
LTC1042 Datasheet(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1042 Datasheet(HTML) 2 Page - Linear Technology |
|
2 / 8 page ![]() 2 LTC1042 1042fa ORDER PART NUMBER LTC1042CN8 LTC1042MJ8 LTC1042 • POI01 1 2 3 4 8 7 6 5 CENTER VIN GND V+ OSC WIDTH / 2 TOP VIEW J8 PACKAGE 8-LEAD CERDIP N8 PACKAGE 8-LEAD PDIP TJMAX = 110°C, θJA = 150°C/W ABOVE WINDOW WITHIN WINDOW (Note 1) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNITS Center Error (Note 3) V+ = 2.8V to 6V (Note 2) ±0.3 ±1mV ● + + ±0.05 ±0.15 % WIDTH/2 V+ = 6V to 15V (Note 2) ±1 ±3mV ● ++ ±0.05 ±0.15 % WIDTH/2 Width Error (Note 4) V+ = 2.8V to 6V (Note 2) ±0.6 ±2mV ● ++ ±0.1 ±0.3 % WIDTH/2 V+ = 6V to 15V (Note 2) ±2 ±6 mV ● ++ ±0.1 ±0.3 % WIDTH/2 IBIAS Input Bias Current V+ = 5V, TA = 25°C, OSC = GND ±0.3 nA VIN, CENTER and WIDTH/2 Inputs RIN Average lnput Resistance fS = 1kHz (Note 5) ● 10 15 MΩ Input Voltage Range ● GND V + V PSR Power Supply Range ● 2.8 16 V IS(ON) Power Supply ON V+ = 5V ● 1.2 3 mA Current (Note 6) IS(OFF) Power Supply OFF V+ = 5V, LTC1042C ● 0.001 0.5 µA Current (Note 6) LTC1042M ● 0.001 5.0 µA TD Response Time (Note 7) V+ = 5V 80 100 µs Output Levels VOH Logic 1 Output V+ = 4.75V, lOUT = –360µA ● 2.4 4.4 V VOL Logical 0 Output V+ = 4.75V, lOUT = –1.6mA ● 0.25 0.45 V Consult LTC Marketing for parts specified with wider operating temperature ranges. OBSOLETE PACKAGE ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO ELECTRICAL CHARACTERISTICS Total Supply Voltage (V+ to GND) ............................ 18V Input Voltage ..................................... V+ +0.3V to – 0.3V Operating Temperature Range LTC1042C ......................................... – 40°C to 85°C LTC1042M (OBSOLETE) ................. – 55°C to 125°C Storage Temperature Range ................. – 55°C to 150°C Lead Temperature (Soldering, 10 sec).................. 300°C Output Short Circuit Duration ....................... Continuous Consider the N8 Package as an Alternate Source |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |