Electronic Components Datasheet Search
  English  ▼

X  

LTC1042 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1042
Description  Window Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1042 Datasheet(HTML) 6 Page - Linear Technology

  LTC1042 Datasheet HTML 1Page - Linear Technology LTC1042 Datasheet HTML 2Page - Linear Technology LTC1042 Datasheet HTML 3Page - Linear Technology LTC1042 Datasheet HTML 4Page - Linear Technology LTC1042 Datasheet HTML 5Page - Linear Technology LTC1042 Datasheet HTML 6Page - Linear Technology LTC1042 Datasheet HTML 7Page - Linear Technology LTC1042 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1042
1042fa
APPLICATIO S I FOR ATIO
LTC1042 • A104
R4
THERMOCOUPLE TYPE
232k
301k
301k
2.1M
J
K
T
S
1k
TTL SUPPLY
V+
5V
3
2
1
4
8
6
7
0.1
µF
0.1
µF
RF**
CF*
RI*
VT
RF
RI
1+
VT
R3**
R2**
R1**
TEMPERATURE
IN WINDOW
TEMPERATURE
HIGH
100k
±5%
187
Ω
1690
Ω
LT1034-1.2
36k
±5%
COLD JUNCTION COMPENSATOR
R4
1/2 LTC1043
5k AT 25
°C†
1820
Ω
0.0047
µF
1
µF1µF
LTC1052N8
8
7
14
13
12
11
16
17
4
8
7
6
5
1
2
3
4
LTC1042
+
–
†
VCENTER =
1.235 • (R2 + R3)
R1 + R2 + R3
WIDTH = 2 •
1.235 • R3
R1 + R2 + R3
YELLOW SPRINGS INST. CO. P/N 44007
CHOOSE CF TO FILTER NOISE
CHOOSE RF, RI, R1, R2 AND R3 TO SET WINDOW
ALL RESISTORS
±1% UNLESS OTHERWISE NOTED
**
*
()
Single 5V Thermocouple Over Temperature Alarm
TTL Power Supply Monitor
ALL RESISTORS ± 5% UNLESS OTHERWISE NOTED
SUPPLY TOLERANCE EQUALS R2 IN kΩ. I.E., 10k = ±10%
R2*
10k
100k
ABOVE RANGE
(V
+ > 5.5V)
“HI” =
SUPPLY IN
RANGE
(4.5 < V+ < 5.5)
“HI” =
LTC1042 • AI03
V+
8
7
6
5
1
2
3
4
LTC1042
25k
LT1004-2.5
10k
± 0.25%
10k
± 0.25%
100k
TTL SUPPLY
V+
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com