Electronic Components Datasheet Search
  English  ▼

X  

LTC1318 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1318
Description  DCE Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1318 Datasheet(HTML) 1 Page - Linear Technology

  LTC1318 Datasheet HTML 1Page - Linear Technology LTC1318 Datasheet HTML 2Page - Linear Technology LTC1318 Datasheet HTML 3Page - Linear Technology LTC1318 Datasheet HTML 4Page - Linear Technology LTC1318 Datasheet HTML 5Page - Linear Technology LTC1318 Datasheet HTML 6Page - Linear Technology LTC1318 Datasheet HTML 7Page - Linear Technology LTC1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1318
Single 5V
RS232/RS422/AppleTalk®
DCE Transceiver
DESCRIPTION
I
Dual-Mode RS232/RS422 Peripherals
I
AppleTalk Peripherals
I
Single 5V Systems
APPLICATIONS
The LTC®1318 is a single 5V, RS232/RS422 transceiver
forconnectiontotheDCE,orperipheralsideofaninterface
link. It includes an on-board charge pump to generate a
±8V supply which allows true RS232 output swings. The
charge pump requires only four external 0.1
µF capacitors.
The LTC1318 includes two RS232 drivers, a differential
RS422 driver, a dedicated RS232 receiver, and a pin
selectableRS232/RS422receiverwhichcanreceiveeither
single-ended or differential signals.
The LTC1318 features driver outputs which can be taken
to common-mode voltages outside the power supply rails
without damage. Additionally, the driver outputs assume
a high impedance state when the power is shut off,
preventing externally applied signals from feeding back
into the power supplies. The RS232 devices will operate at
speeds up to 100kbaud. The RS422 devices will operate
up to 2Mbaud.
The LTC1318 is available in a 24-lead SO Wide package.
I
Single Chip Provides DCE RS232 or
RS422/AppleTalk DCE Port
I
Operates from a Single 5V Supply
I
Charge Pump Uses 0.1
µF Capacitors
I
Output Common-Mode Voltage Range Exceeds
Power Supply Rails for All Drivers
I
Driver Outputs Are High Impedance with Power Off
I
Pin Selectable RS232/RS422 Receiver
I
Thermal Shutdown Protection
I
Drivers Are Short-Circuit Protected
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.
AppleTalk and LocalTalk are registered trademarks of Apple Computer, Inc.
TYPICAL APPLICATIONS
CHARGE
PUMP
RS232
LINES
APPLETALK
NETWORK
LOCALTALK®
TRANSFORMER
100pF
× 4
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
V+
C1+
C1–
RXI1
TXO1
TXO2
VCC
RXD+
RXD–/RXI2
TXD+
TXD–
NC
V–
C2–
C2+
RXO1
TXI1
TXI2
GND
RXDO/RXO2
TXD
RXMODE
GND
NC
0.1
µF
0.1
µF
0.1
µF
RS232
RS232
RS232
RS422
RS422
5V
1k
1k
0.1
µF
LTC1318
TO
DIGITAL
SYSTEM
LT1318 • TA01
RS232
RL = 100Ω
200ns/DIV
1318 TA02
CL = 100pF
Driver Output Waveforms
TXD
(5V/DIV)
TXD+, TXD–
(2V/DIV)
RXDO
(5V/DIV)
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1318CSW LINER-LTC1318CSW Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
More results

Similar Description - LTC1318

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com